Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 105 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 105 Page - Intel Corporation

Back Button E6000 Datasheet HTML 101Page - Intel Corporation E6000 Datasheet HTML 102Page - Intel Corporation E6000 Datasheet HTML 103Page - Intel Corporation E6000 Datasheet HTML 104Page - Intel Corporation E6000 Datasheet HTML 105Page - Intel Corporation E6000 Datasheet HTML 106Page - Intel Corporation E6000 Datasheet HTML 107Page - Intel Corporation E6000 Datasheet HTML 108Page - Intel Corporation E6000 Datasheet HTML 109Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 122 page
background image
Datasheet
105
Boxed Processor Specifications
7.3
Thermal Specifications
This section describes the cooling requirements of the fan heatsink solution used by the
boxed processor.
7.3.1
Boxed Processor Cooling Requirements
The boxed processor may be directly cooled with a fan heatsink. However, meeting the
processor's temperature specification is also a function of the thermal design of the
entire system, and ultimately the responsibility of the system integrator. The processor
temperature specification is listed in Chapter 5. The boxed processor fan heatsink is
able to keep the processor temperature within the specifications (see Table 27) in
chassis that provide good thermal management. For the boxed processor fan heatsink
to operate properly, it is critical that the airflow provided to the fan heatsink is
unimpeded. Airflow of the fan heatsink is into the center and out of the sides of the fan
heatsink. Airspace is required around the fan to ensure that the airflow through the fan
heatsink is not blocked. Blocking the airflow to the fan heatsink reduces the cooling
efficiency and decreases fan life. Figure 37 and Figure 38 illustrate an acceptable
airspace clearance for the fan heatsink. The air temperature entering the fan should be
kept below 38 ºC. Again, meeting the processor's temperature specification is the
responsibility of the system integrator.
Figure 36.
Baseboard Power Header Placement Relative to Processor Socket
Boxed Proc PwrHeaderPlacement
B
C
R110
[4.33]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com