Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 108 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 108 Page - Intel Corporation

Back Button E6000 Datasheet HTML 104Page - Intel Corporation E6000 Datasheet HTML 105Page - Intel Corporation E6000 Datasheet HTML 106Page - Intel Corporation E6000 Datasheet HTML 107Page - Intel Corporation E6000 Datasheet HTML 108Page - Intel Corporation E6000 Datasheet HTML 109Page - Intel Corporation E6000 Datasheet HTML 110Page - Intel Corporation E6000 Datasheet HTML 111Page - Intel Corporation E6000 Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
Boxed Processor Specifications
108
Datasheet
NOTES:
1.
Set point variance is approximately ± 1 °C from fan heatsink to fan heatsink.
If the boxed processor fan heatsink 4-pin connector is connected to a 4-pin
motherboard header and the motherboard is designed with a fan speed controller with
PWM output (CONTROL see Table 38) and remote thermal diode measurement
capability the boxed processor will operate as follows:
As processor power has increased the required thermal solutions have generated
increasingly more noise. Intel has added an option to the boxed processor that allows
system integrators to have a quieter system in the most common usage.
The 4th wire PWM solution provides better control over chassis acoustics. This is
achieved by more accurate measurement of processor die temperature through the
processor's temperature diode (T-diode). Fan RPM is modulated through the use of an
ASIC located on the motherboard that sends out a PWM control signal to the 4th pin
of the connector labeled as CONTROL. The fan speed is based on actual processor
temperature instead of internal ambient chassis temperatures.
Figure 39.
Boxed Processor Fan Heatsink Set Points
Table 39.
Fan Heatsink Power and Signal Specifications
Boxed Processor Fan
Heatsink Set Point (°C)
Boxed Processor Fan Speed
Notes
X ≤ 30
When the internal chassis temperature is below or equal to
this set point, the fan operates at its lowest speed.
Recommended maximum internal chassis temperature for
nominal operating environment.
1
Y = 35
When the internal chassis temperature is at this point, the
fan operates between its lowest and highest speeds.
Recommended maximum internal chassis temperature for
worst-case operating environment.
-
Z ≥ 38
When the internal chassis temperature is above or equal to
this set point, the fan operates at its highest speed.
-
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com