Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 112 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 112 Page - Intel Corporation

Back Button E6000 Datasheet HTML 108Page - Intel Corporation E6000 Datasheet HTML 109Page - Intel Corporation E6000 Datasheet HTML 110Page - Intel Corporation E6000 Datasheet HTML 111Page - Intel Corporation E6000 Datasheet HTML 112Page - Intel Corporation E6000 Datasheet HTML 113Page - Intel Corporation E6000 Datasheet HTML 114Page - Intel Corporation E6000 Datasheet HTML 115Page - Intel Corporation E6000 Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
Balanced Technology Extended (BTX) Boxed Processor Specifications
112
Datasheet
NOTE: The duct, clip, heatsink and fan can differ from this drawing representation but
the basic shape and size will remain the same.
8.1
Mechanical Specifications
8.1.1
Balanced Technology Extended (BTX) Type I and Type II
Boxed Processor Cooling Solution Dimensions
This section documents the mechanical specifications of the boxed processor TMA. The
boxed processor will be shipped with an unattached TMA. Figure 42 shows a
mechanical representation of the boxed processor in the 775-land LGA package for
Type I TMA. Figure 43 shows a mechanical representation of the boxed processor in the
775-land LGA package for Type II TMA. The physical space requirements and
dimensions for the boxed processor with assembled fan thermal module are shown.
Figure 41.
Mechanical Representation of the Boxed Processor with a Type II TMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com