Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 111 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 111 Page - Intel Corporation

Back Button E6000 Datasheet HTML 107Page - Intel Corporation E6000 Datasheet HTML 108Page - Intel Corporation E6000 Datasheet HTML 109Page - Intel Corporation E6000 Datasheet HTML 110Page - Intel Corporation E6000 Datasheet HTML 111Page - Intel Corporation E6000 Datasheet HTML 112Page - Intel Corporation E6000 Datasheet HTML 113Page - Intel Corporation E6000 Datasheet HTML 114Page - Intel Corporation E6000 Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 122 page
background image
Datasheet
111
Balanced Technology Extended (BTX) Boxed Processor Specifications
8
Balanced Technology Extended
(BTX) Boxed Processor
Specifications
The processor is offered as an Intel boxed processor. Intel boxed processors are
intended for system integrators who build systems from largely standard components.
The boxed processor will be supplied with a cooling solution known as the Thermal
Module Assembly (TMA). Each processor will be supplied with one of the two available
types of TMAs – Type I or Type II. This chapter documents motherboard and system
requirements for both the TMAs that will be supplied with the boxed processor in the
775-land LGA package. This chapter is particularly important for OEMs that
manufacture motherboards for system integrators. Figure 40 shows a mechanical
representation of a boxed processor in the 775-land LGA package with a Type I TMA.
Figure 41 illustrates a mechanical representation of a boxed processor in the 775-land
LGA package with Type II TMA.
Note:
Unless otherwise noted, all figures in this chapter are dimensioned in millimeters and
inches [in brackets].
Note:
Drawings in this section reflect only the specifications on the Intel boxed processor
product. These dimensions should not be used as a generic keep-out zone for all
cooling solutions. It is the system designers’ responsibility to consider their proprietary
cooling solution when designing to the required keep-out zone on their system
platforms and chassis. Refer to the appropriate Thermal and Mechanical Design
Guidelines (see Section 1.2) for further guidance.
NOTE: The duct, clip, heatsink and fan can differ from this drawing representation but
the basic shape and size will remain the same.
Figure 40.
Mechanical Representation of the Boxed Processor with a Type I TMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com