Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 107 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 107 Page - Intel Corporation

Back Button E6000 Datasheet HTML 103Page - Intel Corporation E6000 Datasheet HTML 104Page - Intel Corporation E6000 Datasheet HTML 105Page - Intel Corporation E6000 Datasheet HTML 106Page - Intel Corporation E6000 Datasheet HTML 107Page - Intel Corporation E6000 Datasheet HTML 108Page - Intel Corporation E6000 Datasheet HTML 109Page - Intel Corporation E6000 Datasheet HTML 110Page - Intel Corporation E6000 Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
Datasheet
107
Boxed Processor Specifications
7.3.2
Fan Speed Control Operation (Intel® Core2 Extreme
Processor X6800 Only)
The boxed processor fan heatsink is designed to operate continuously at full speed to
allow maximum user control over fan speed. The fan speed can be controlled by
hardware and software from the motherboard. This is accomplished by varying the duty
cycle of the Control signal on the 4th pin (see Table 39). The motherboard must have a
4-pin fan header and must be designed with a fan speed controller with PWM output
and Digital Thermometer measurement capabilities. For more information on specific
motherboard requirements for 4-wire based fan speed control, refer to the Intel®
Pentium® D Processor, Intel® Pentium® Processor Extreme Edition, Intel® Pentium® 4
Processor, Intel® Core™2 Duo Extreme Processor X6800 Thermal and Mechanical
Design Guidelines.
The Internal chassis temperature should be kept below 39 ºC. Meeting the processor's
temperature specification (see Chapter 5) is the responsibility of the system integrator.
The motherboard must supply a constant +12 V to the processor's power header to
ensure proper operation of the fan for the boxed processor. See Table 39 for specific
requirements.
7.3.3
Fan Speed Control Operation (Intel® Core2 Duo Desktop
Processor E6000 and E4000 Sequences Only)
If the boxed processor fan heatsink 4-pin connector is connected to a 3-pin
motherboard header, it will operate as follows:
The boxed processor fan will operate at different speeds over a short range of
internal chassis temperatures. This allows the processor fan to operate at a lower
speed and noise level, while internal chassis temperatures are low. If internal
chassis temperature increases beyond a lower set point, the fan speed will rise
linearly with the internal temperature until the higher set point is reached. At that
point, the fan speed is at its maximum. As fan speed increases, so does fan noise
levels. Systems should be designed to provide adequate air around the boxed
processor fan heatsink that remains cooler than lower set point. These set points,
represented in Figure 39 and Table 39, can vary by a few degrees from fan heatsink
to fan heatsink. The internal chassis temperature should be kept below 38 ºC.
Meeting the processor's temperature specification (see Chapter 5) is the
responsibility of the system integrator.
The motherboard must supply a constant +12 V to the processor's power header to
ensure proper operation of the variable speed fan for the boxed processor. Refer to
Table 39 for the specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com