Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 104 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 104 Page - Intel Corporation

Back Button E6000 Datasheet HTML 100Page - Intel Corporation E6000 Datasheet HTML 101Page - Intel Corporation E6000 Datasheet HTML 102Page - Intel Corporation E6000 Datasheet HTML 103Page - Intel Corporation E6000 Datasheet HTML 104Page - Intel Corporation E6000 Datasheet HTML 105Page - Intel Corporation E6000 Datasheet HTML 106Page - Intel Corporation E6000 Datasheet HTML 107Page - Intel Corporation E6000 Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Boxed Processor Specifications
104
Datasheet
The boxed processor's fanheat sink requires a constant +12 V supplied to pin 2 and
does not support variable voltage control or 3-pin PWM control.
The power header on the baseboard must be positioned to allow the fan heatsink power
cable to reach it. The power header identification and location should be documented in
the platform documentation, or on the system board itself. Figure 36 shows the
location of the fan power connector relative to the processor socket. The baseboard
power header should be positioned within 110 mm [4.33 inches] from the center of the
processor socket.
Figure 35.
Boxed Processor Fan Heatsink Power Cable Connector Description
Table 38.
Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
11.4
12
12.6
V
-
IC:
- Maximum fan steady-state current draw
- Average fan steady-state current draw
- Max fan start-up current draw
- Fan start-up current draw maximum
duration
—
—
—
—
1.2
0.5
2.2
1.0
—
—
—
—
A
A
A
Second
-
SENSE: SENSE frequency
—
2
—
pulses per
fan
revolution
1
NOTES:
1.
Baseboard should pull this pin up to 5 V with a resistor.
CONTROL
21
25
28
Hz
2, 3
2.
Open drain type, pulse width modulated.
3. Fan will have pull-up resistor for this signal to maximum of 5.25 V.
Bd P
P
C bl
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com