Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 116 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 116 Page - Intel Corporation

Back Button E6000 Datasheet HTML 112Page - Intel Corporation E6000 Datasheet HTML 113Page - Intel Corporation E6000 Datasheet HTML 114Page - Intel Corporation E6000 Datasheet HTML 115Page - Intel Corporation E6000 Datasheet HTML 116Page - Intel Corporation E6000 Datasheet HTML 117Page - Intel Corporation E6000 Datasheet HTML 118Page - Intel Corporation E6000 Datasheet HTML 119Page - Intel Corporation E6000 Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
Balanced Technology Extended (BTX) Boxed Processor Specifications
116
Datasheet
8.2
Electrical Requirements
8.2.1
Thermal Module Assembly Power Supply
The boxed processor's Thermal Module Assembly (TMA) requires a +12 V power supply.
The TMA will include power cable to power the integrated fan and will plug into the 4-
wire fan header on the baseboard. The power cable connector and pinout are shown in
Figure 45. Baseboards must provide a compatible power header to support the boxed
processor. Table 40contains specifications for the input and output signals at the TMA.
The TMA outputs a SENSE signal, which is an open-collector output that pulses at a rate
of 2 pulses per fan revolution. A baseboard pull-up resistor provides VOH to match the
system board-mounted fan speed monitor requirements, if applicable. Use of the
SENSE signal is optional. If the SENSE signal is not used, pin 3 of the connector should
be tied to GND.
The TMA receives a Pulse Width Modulation (PWM) signal from the motherboard from
the 4th pin of the connector labeled as CONTROL.
Note:
The boxed processor’s TMA requires a constant +12 V supplied to pin 2 and does not
support variable voltage control or 3-pin PWM control.
The power header on the baseboard must be positioned to allow the TMA power cable
to reach it. The power header identification and location should be documented in the
platform documentation, or on the system board itself. Figure 46 shows the location of
the fan power connector relative to the processor socket. The baseboard power header
should be positioned within 4.33 inches from the center of the processor socket.
Figure 45.
Boxed Processor TMA Power Cable Connector Description
Bd P
P
C bl
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com