Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 119 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 119 Page - Intel Corporation

Back Button E6000 Datasheet HTML 114Page - Intel Corporation E6000 Datasheet HTML 115Page - Intel Corporation E6000 Datasheet HTML 116Page - Intel Corporation E6000 Datasheet HTML 117Page - Intel Corporation E6000 Datasheet HTML 118Page - Intel Corporation E6000 Datasheet HTML 119Page - Intel Corporation E6000 Datasheet HTML 120Page - Intel Corporation E6000 Datasheet HTML 121Page - Intel Corporation E6000 Datasheet HTML 122Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
Datasheet
119
Balanced Technology Extended (BTX) Boxed Processor Specifications
NOTES:
1.
Set point variance is approximately ±1°C from Thermal Module Assembly to Thermal
Module Assembly.
If the boxed processor TMA 4-pin connector is connected to a 4-pin motherboard
header and the motherboard is designed with a fan speed controller with PWM output
(see CONTROL in Table 40) and remote thermal diode measurement capability, the
boxed processor will operate as described in the following paragraphs.
As processor power has increased, the required thermal solutions have generated
increasingly more noise. Intel has added an option to the boxed processor that allows
system integrators to have a quieter system in the most common usage.
The 4-wire PWM controlled fan in the TMA solution provides better control over chassis
acoustics. It allows better granularity of fan speed and lowers overall fan speed than a
voltage-controlled fan. Fan RPM is modulated through the use of an ASIC located on
Figure 47.
Boxed Processor TMA Set Points
Table 41.
TMA Set Points for 3-wire operation of BTX Type I and Type II Boxed
Processors
Boxed Processor
TMA Set Point
(ºC)
Boxed Processor Fan Speed
Notes
X ≤ 23
When the internal chassis temperature is below or equal to this
set point, the fan operates at its lowest speed. Recommended
maximum internal chassis temperature for nominal operating
environment.
1
Y = 29
When the internal chassis temperature is at this point, the fan
operates between its lowest and highest speeds.
Recommended maximum internal chassis temperature for
worst-case operating environment.
Z ≥ 35.5
When the internal chassis temperature is above or equal to this
set point, the fan operates at its highest speed.
1
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com