Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 117 Page - Intel Corporation

Part # E6000
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 117 Page - Intel Corporation

Back Button E6000 Datasheet HTML 113Page - Intel Corporation E6000 Datasheet HTML 114Page - Intel Corporation E6000 Datasheet HTML 115Page - Intel Corporation E6000 Datasheet HTML 116Page - Intel Corporation E6000 Datasheet HTML 117Page - Intel Corporation E6000 Datasheet HTML 118Page - Intel Corporation E6000 Datasheet HTML 119Page - Intel Corporation E6000 Datasheet HTML 120Page - Intel Corporation E6000 Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 122 page
background image
Datasheet
117
Balanced Technology Extended (BTX) Boxed Processor Specifications
Table 40.
TMA Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12V: 12 volt fan power supply
10.2
12
13.8
V
IC:
- Peak Fan current draw
- Fan start-up current draw
- Fan start-up current draw maximum
duration
—
—
—
1.0
—
—
1.5
2.0
1.0
A
A
Second
SENSE: SENSE frequency
—
2
—
pulses per
fan
revolution
1
NOTES:
1.
Baseboard should pull this pin up to 5V with a resistor.
CONTROL
21
25
28
kHz
2, 3
2.
Open Drain Type, Pulse Width Modulated.
3. Fan will have a pull-up resistor for this signal to maximum 5.25 V.
Figure 46.
Balanced Technology Extended (BTX) Mainboard Power Header Placement
(hatched area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com