Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 169Page - Renesas Technology Corp R26 Datasheet HTML 170Page - Renesas Technology Corp R26 Datasheet HTML 171Page - Renesas Technology Corp R26 Datasheet HTML 172Page - Renesas Technology Corp R26 Datasheet HTML 173Page - Renesas Technology Corp R26 Datasheet HTML 174Page - Renesas Technology Corp R26 Datasheet HTML 175Page - Renesas Technology Corp R26 Datasheet HTML 176Page - Renesas Technology Corp R26 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 154 of 453
REJ09B0278-0210
Figure 14.9
Operating Example of Pulse Width Measurement Mode
FFFFh
n
0000h
n = high level: the contents of TRA register, low level: the contents of TRAPRE register
Count start
Count stop
Underflow
Period
TSTART bit in
TRACR register
1
0
Measured pulse
(TRAIO pin input)
1
0
TEDGF bit in
TRACR register
1
0
TUNDF bit in
TRACR register
1
0
• “H” level width of measured pulse is measured. (TEDGSEL = 1)
• TRAPRE = FFh
Set to 1 by program
IR bit in TRAIC
register
1
0
Set to 0 by program
Count stop
Count start
Set to 0 when interrupt request is acknowledged, or set by program
Count start
Set to 0 by program
The above applies under the following conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com