| Electronic Components Datasheet Search |
|
R26 Datasheet(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 Datasheet(HTML) 174 Page - Renesas Technology Corp |
|
174 / 487 page ![]() R8C/26 Group, R8C/27 Group 14. Timers Rev.2.10 Sep 26, 2008 Page 155 of 453 REJ09B0278-0210 14.1.5 Pulse Period Measurement Mode In pulse period measurement mode, the pulse period of an external signal input to the INT1/TRAIO pin is measured (refer to Table 14.6 Specifications of Pulse Period Measurement Mode). Figure 14.10 shows the TRAIOC Register in Pulse Period Measurement Mode and Figure 14.11 shows an Operating Example of Pulse Period Measurement Mode. NOTES: 1. Input a pulse with a period longer than twice the timer RA prescaler period. Input a pulse with a longer “H” and “L” width than the timer RA prescaler period. If a pulse with a shorter period is input to the TRAIO pin, the input may be ignored. 2. For J, K version, fC32 cannot be selected. Table 14.6 Specifications of Pulse Period Measurement Mode Item Specification Count sources f1, f2, f8, fOCO, fC32(2) Count operations • Decrement • After the active edge of the measured pulse is input, the contents of the read- out buffer are retained at the first underflow of timer RA prescaler. Then timer RA reloads the contents in the reload register at the second underflow of timer RA prescaler and continues counting. Count start condition 1 (count start) is written to the TSTART bit in the TRACR register. Count stop conditions • 0 (count stop) is written to TSTART bit in the TRACR register. • 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register. Interrupt request generation timing • When timer RA underflows or reloads [timer RA interrupt]. • Rising or falling of the TRAIO input (end of measurement period) [timer RA interrupt] INT1/TRAIO pin function Measured pulse input(1) (INT1 interrupt input) TRAO pin function Programmable I/O port Read from timer The count value can be read by reading registers TRA and TRAPRE. Write to timer • When registers TRAPRE and TRA are written while the count is stopped, values are written to both the reload register and counter. • When registers TRAPRE and TRA are written during the count, values are written to the reload register and counter (refer to 14.1.1.1 Timer Write Control during Count Operation). Select functions • Measurement period select The TEDGSEL bit in the TRAIOC register selects the measurement period of the input pulse. • Measured pulse input pin select function P1_7 or P1_5 is selected by the TIOSEL bit in the TRAIOC register. • Digital filter function Bits TIPF0 and TIPF1 in the TRAIOC register enable or disable the digital filter and select the sampling frequency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |