Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
117
Package and Pinout
DFT
L1_TSTCLK
AJ20
I
OVDD
25
L2_TSTCLK
AJ19
I
OVDD
25
LSSD_MODE
AH31
I
OVDD
25
TEST_SEL
AJ31
I
OVDD
25
Thermal Management
THERM0
AB30
—
—
14
THERM1
AB31
—
—
14
Power Management
ASLEEP
AK21
O
OVDD
9,19,29
Power and Ground Signals
GND
A23, A26, A32, B3, B6, B9, B12, B18, B21, B23,
B24, B25, B26, B27, C15, C24, D5, D8, D11, D17,
D20, D23, D24, D28, E13, E14, E24, E31, F3, F7,
F15, F18, F22, F24, F27, G8, G16, G19, G23, H5,
H12, H13, H15, H16, H18, H19, H21, H22, J2, J7,
J10, J14, J15, J16, J17, J18, J19, J20, J21, J22,
J29, J31, J32, K14, K15, K16, K17, K18, K19, K20,
K21, K22, K24, L1, L4, L9, L12, L15, L16, L17, L18,
L19, L20, L21, L22, L23, M12, M13, M18, M20, M21,
M23, N4, N8, N11, N13, N15, N17, N19, N21, N23,
P2, P6, P12, P14, P16, P18, P20, P22, P23, R10,
R13, R15, R17, R19, R21, R23, T12, T14, T16, T18,
T20, T22, T23, U4, U8, U13, U15, U17, U19, U21,
U23, V2, V6, V12, V14, V16, V18, V20, V22, V23,
W10, W13, W15, W17, W19, W21, W23, Y12, Y14,
Y16, Y18, Y20, Y22, Y23, AA4, AA8, AA12, AA13,
AA15, AA17, AA19, AA21, AA22, AA23, AB2, AB6,
AB12, AB23, AB29, AB32, AC10, AC23, AC24,
AC25, AC28, AC29, AC30, AC31, AC32, AD16,
AD17, AD19, AD21, AD25, AD26, AD27, AD31,
AE8, AE12, AF2, AF4, AF6, AF16, AF21, AF25,
AG10, AG14, AG18, AG24, AG28, AH23, AJ4, AJ8,
AJ12, AJ21, AJ30, AJ32, AK2, AK10, AK16, AK32,
AL6, AL14, AL18, AL19, AL20, AL22, AL24, AL25,
AL26, AL31, AL32, AM19, AM21, AM23, AM25,
AM30, AM31, AM32
——
—
SCOREGND
K28, K29, K30, L28, L31, M28, M30, N32, P28, P30,
R28, T29, U32, V30, W28, W31, Y28, Y29, AA29,
AA30, AA32, AB28
Ground for
SerDes
receiver
——
XGND
N24, N26, P25, R27, T24, U26, V25, W27, Y24,
AA26, AB25, AC27
Ground for
SerDes
transmitter
——
Table 79. MPC8567E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com