Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
118
Freescale Semiconductor
Package and Pinout
OVDD
N2, N6, N10, P4, P8, T10, U2, U6, V4, V8, Y10,
AA2, AA6, AB4, AB8, AC19, AC21, AD10, AD23,
AE2, AE6, AE27, AE31, AG4, AG19, AG23, AG25,
AH21, AH28, AH30, AH32, AJ2, AK4, AK25, AK31,
AL27
Power for
PCI and
other
standards
(3.3V)
OVDD
—
LVDD
AC12, AC16, AF12, AF14, AG16, AK12, AK14,
AL16
Power for
GPIO
LVDD
—
TVDD
AF8, AJ10, AK6, AK8
Power for
QE UCC1
and UCC2
Ethernet
Interface
(2,5V,3.3V)
TVDD
—
GVDD
B2, B5, B8, B11, B17, B20, C14, D4, D7, D10, D16,
D19, D22, E12, E15, F2, F6, F21, G9, G17, G18,
H4, H11, H14, H20, J3, J6, J9, K13, L2, L5, L8, L11
Power for
DDR1 and
DDR2
DRAM I/O
voltage
(1.8V,2.5V)
GVDD
—
BVDD
B28, D27, D31, F25, F28, H27, H29, H31, K25, K27
Power for
Local Bus
(1.8V, 2.5V,
3.3V)
BVDD
—
VDD
M14, M15, M19, M22, N12, N14, N16, N18, N20,
N22, P13, P15, P17, P19, P21, R12, R14, R16, R18,
R20, R22, T13, T15, T17, T19, T21, U12, U14, U16,
U18, U20, U22, V13, V15, V17, V19, V21, W12,
W14, W16, W18, W20, W22, Y13, Y15, Y17, Y19,
Y21, AA14, AA16, AA18, AA20
Power for
Core (1.1)
VDD
—
SCOREVDD
K31, L32, M29, N28, N31, P29, T28, T30, U31, V29,
W32, Y30, AA31
Core Power
for SerDes
transceivers
(1.1V)
SCOREVDD
—
XVDD
N25, N27, P24, R26, T25, U27, V24, W26, Y25,
AA27, AB24, AC26
Pad Power
for SerDes
transceivers
(1.1V)
XVDD
—
AVDD_LBIU
A25
Power for
local bus
PLL
(1.1V)
—26
AVDD_PCI
AM22
Power for
PCI PLL
(1.1V)
—26
AVDD_CE
AM18
Power for
QE PLL
(1.1V)
—26
Table 79. MPC8567E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com