Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 35 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 35 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 31Page - Texas Instruments GC5337 Datasheet HTML 32Page - Texas Instruments GC5337 Datasheet HTML 33Page - Texas Instruments GC5337 Datasheet HTML 34Page - Texas Instruments GC5337 Datasheet HTML 35Page - Texas Instruments GC5337 Datasheet HTML 36Page - Texas Instruments GC5337 Datasheet HTML 37Page - Texas Instruments GC5337 Datasheet HTML 38Page - Texas Instruments GC5337 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DAC Data Clock
Min
Skew
Min
Skew
Max
Skew
Max
Skew
DAC Data, DAC Frame
T0510-01
Ideal Data Placement
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Table 15. TX DAC Clock Centered Over Data Switching Characteristics (See Table 5 for Connections)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
DDR LVDS
fCLK(DAC)
DAC output clock frequency
See(1)
620
MHz
MIN
MAX
CLOCK
DATA
TEST CONDITIONS
UNIT
SKEW
SKEW
TXA4
TXA9:5, 3:0
See (2)(3)
–190
139
ps
TXA14
TXA19:15, 13:10
See (2)(3)
–241
205
ps
TXA9
TXA19:10, 8:0
See (2)(3)
–200
155
ps
TXB4
TXB9:5, 3:0
See (2)(3)
–169
238
ps
TXB14
TXB19:15, 13:10
See (2)(3)
–198
146
ps
TXB9
TXB19:10, 8:0
See (2)(3)
–145
235
ps
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Skew measured from DAC DATA desired P/N crossing to DATA P/N crossing. A negative skew is when the data arrives prior to the
clock.
(3)
tsu = 1/4 DAC clock period – Max. Skew, th = 1/4 DAC clock period + Min. Skew
Table 16. TX DAC Clock Aligned With Data Switching Characteristics (See Table 5 for Connections)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
DDR LVDS
fCLK(DAC)
DAC output clock frequency
See (1)
620
MHz
MIN
MAX
CLOCK
DATA
TEST CONDITIONS
UNIT
SKEW
SKEW
TXA4
TXA9:5, 3:0
See (2)
–190
139
ps
TXA14
TXA19:15, 13:10
See (2)
–241
205
ps
TXA9
TXA19:10, 8:0
See (2)
–200
155
ps
TXB4
TXB9:5, 3:0
See (2)
–169
238
ps
TXB14
TXB19:15, 13:10
See (2)
–198
146
ps
TXB9
TXB19:10, 8:0
See (2)
–145
235
ps
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Skew measured from DAC DATA desired P/N crossing to DATA P/N crossing. A negative skew is when the data arrives prior to the
clock.
Figure 18. TX LVDS Timing Specifications (TXA and TXB) (DACCLK Centered Over Data)
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com