Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 43 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 43 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 39Page - Texas Instruments GC5337 Datasheet HTML 40Page - Texas Instruments GC5337 Datasheet HTML 41Page - Texas Instruments GC5337 Datasheet HTML 42Page - Texas Instruments GC5337 Datasheet HTML 43Page - Texas Instruments GC5337 Datasheet HTML 44Page - Texas Instruments GC5337 Datasheet HTML 45Page - Texas Instruments GC5337 Datasheet HTML 46Page - Texas Instruments GC5337 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
CEB
Addr
OEB
WEB
Data
T0518-01
t
su(WR)
t
su(WR)
t
su(WR)
t
h(WR)
t
h(WR)
t
h(WR)
t
high(WR)
t
low(WR)
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Figure 27. MPU WRITE Timing Specifications
Power Sequencing Guideline
TI ASIC I/O design allows either the core supply (VDD) or the I/O supply (VDDS) to be powered up(2) for an
indefinite period of time while the other power supply is not powered up, if all of these constraints are met:
•
Chip is within all maximum ratings and recommended operating conditions.
•
Have followed all warnings about exposure to maximum rated and recommended conditions, particularly
junction temperature. These apply to power transitions as well as normal operation.
•
Bus contention while VDDS is powered up must be limited to 100 hours over the projected lifetime of the
device.
•
Bus contention while VDDS is powered down may violate the absolute maximum ratings.
However, it is generally good practice to power up VDD, VDDSHV, and VDDS all within 1 second of each other.
Application Information
The GC533x reference design includes the following additional transmit/receive signal chain components:
•
TMS320C6748 digital signal processor (DSP) and DPD adaptation software
•
DAC3283 16-bit 800-MSPS, dac348X, or DAC5682 16-bit, 1-GSPS DAC (transmit path)
•
CDCE72010 clock generator
•
TRF3720 300-MHz to 4.8-GHz quadrature modulator with integrated wideband PLL/VCO
•
TRF370317 0.4-GHz to 4-GHz quadrature modulator
•
ADS41B49 14-bit, 250-MSPS ADC (and other options; feedback path)
•
AMC7823 analog monitoring and control circuit with GPIO and SPI
•
PGA870 wideband programmable gain amplifier
•
ADS42b49 14-bit dual 250-MSPS receive or complex feedback ADC (and other options; RX path)
MPU Interface Guidelines
The following section describes the hardware interface between the recommended microprocessor and the
GC533x. The GC533x interface is an EMIF asynchronous interface.
(2)
A supply bus is powered up when the voltage is within the recommended operating range. It is powered down when it is below that
range, either stable or in transition.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com