Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 15 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 15 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 11Page - Texas Instruments GC5337 Datasheet HTML 12Page - Texas Instruments GC5337 Datasheet HTML 13Page - Texas Instruments GC5337 Datasheet HTML 14Page - Texas Instruments GC5337 Datasheet HTML 15Page - Texas Instruments GC5337 Datasheet HTML 16Page - Texas Instruments GC5337 Datasheet HTML 17Page - Texas Instruments GC5337 Datasheet HTML 18Page - Texas Instruments GC5337 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Q0-E
Qn-E
00
I0-E
In-E
Q1-E
Q0-E
I1-E
I0-E
Q0-O
Qn-O
I0-O
In-O
Q1-O
Q0-O
I1-O
I0-O
In-D
Qn-A
00
Qn-C
In-B
Q0-D
I0-D
Q0-B
I0-B
Qn-D
I0-A
In-C
Qn-B
In-A
Q0-C
I0-C
Q0-A
I0-A
‘n’ can be up to 47, ‘O’ is odd numbered bits (1, 3, 5, ...), ‘E’ is even numbered bits (0, 2, 4, ...)
‘n’ can be up to 47, ‘A’ is 4 MSBs, ‘B’ is next 4 bits, ‘C’ is next 4 bits and ‘D’ is 4 LSBs
BBIN Data 0
BBIN Data 0
BBIN Data 1
BBIN C k 0
l
BBIN Clk 0
BBIN Clk 1
BBIN Sync 0
BBIN Sync 0
BBIN Sync 1
Mode 1B
T0504-01
Mode 1N (1 Rate)
Mode 2N (2 Rates)
In-D
Qn-A
00
Qn-C
In-B
Q0-D
I0-D
Q0-B
I0-B
Qn-D
I0-A
In-C
Qn-B
In-A
Q0-C
I0-C
Q0-A
I0-A
Qn-D
Qn-E
00
Qn-G
Qn-B
I0-H
I0-D
I0-F
I0-B
Qn-H
I0-A
Qn-C
Qn-F
Qn-A
I0-G
I0-C
I0-E
I0-A
‘n’ can be up to 47, ‘A’ is 2 MSBs, ‘B’ is next 2 bits, ‘C’ is next 2 bits, ... and ‘H’ is 2 LSBs
BBIN Data 0
BBIN Data 1
BBIN Data 2
BBIN Clk 0
BBIN Clk 1
BBIN Clk 2
BBIN Sync 0
BBIN Sync 1
BBIN Sync 2
Mode 1S (1 Rate)
Mode 2S (2 Rates)
Mode 3S (3 Rates)
Qn-D
Qn-D
Qn-E
Qn-E
00
00
Qn-G
Qn-G
Qn-B
Qn-B
I0-H
I0-H
I0-D
I0-D
I0-F
I0-F
I0-B
I0-B
Qn-H
Qn-H
I0-A
I0-A
Qn-C
Qn-C
Qn-F
Qn-F
Qn-A
Qn-A
I0-G
I0-G
I0-C
I0-C
I0-E
I0-E
I0-A
I0-A
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Figure 11. TX BB Formats
The TX formatter block includes a per-channel TX gain adjust via a 16-bit complex digital word which can be set
to have gain between
–∞ and 9 dB.
Digital Down- and Upconverters (DDUCs)
The GC533x has four identical and independent DDUC blocks that can be configured as either DDC or DUC.
Each DDUC can support up to 12 channels with scalable bandwidth.
The only difference between the DUC and DDC configurations is the interpolate (DUC) versus decimate (DDC)
functions and the data path direction as shown in Figure 12. Both DDC and DUC are described in this section.
Note that each DDUC block must be configured statically as a DUC or DDC and cannot switch modes
dynamically in TDD applications.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com