Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 10 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 10 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 6Page - Texas Instruments GC5337 Datasheet HTML 7Page - Texas Instruments GC5337 Datasheet HTML 8Page - Texas Instruments GC5337 Datasheet HTML 9Page - Texas Instruments GC5337 Datasheet HTML 10Page - Texas Instruments GC5337 Datasheet HTML 11Page - Texas Instruments GC5337 Datasheet HTML 12Page - Texas Instruments GC5337 Datasheet HTML 13Page - Texas Instruments GC5337 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
= 1.1 V
= 1.8 V, 3.3 V
= GND
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
B
B
A
A
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L
M
M
N
N
P
P
R
R
T
T
U
U
V
V
W
W
Y
Y
AA
AA
NC
BBIN5P BBIN4P BBIN3P BBIN1P SPIDENB SPICLK
CEB
UPA5
UPA2
UPD15
UPD12
UPD8
UPD5
UPD1
VSSA2 SYNCBN
SYNC
OUTN
SYNC
OUTP
TXA1N
TXA2P
NC
BBIN7N BBIN7P BBIN5N BBIN4N BBIN3N BBIN1N SPIDIO INTERRPT
UPA6
UPA3
WEB
UPD13
UPD9
UPD6
UPD2
UPD0
VDDA2 SYNCBP TXA0N
TXA1P
TXA2N
TXA5N
BBIN8N BBIN8P BBIN6P BBIN6N
VSSA1
BBIN2P BBIN0P EMIFENA
UPA7
UPA4
UPA0
UPD14
UPD10
UPD7
UPD3
SYNCAPDPDCLKP TXA0P
TXA3P
TXA4P
TXA4N
TXA5P
NC
BBIN9N BBIN9P
NC
VDDA1 BBIN2N BBIN0N
VSS
OEB
VSS
UPA1
VSS
UPD11
VSS
UPD4
SYNCAN DPDCLKN TXA3N
TXA6N
TXA7N
TXA8N
TXA9P
BBOUT0P
BBIN10P BBIN10N BBIN11P BBIN11N
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
NC
NC
TXA6P
TXA7P
TXA8P
TXA9N
BBOUT0N BBOUT2N BBOUT2P BBOUT1N BBOUT1P
NC
VDDS2 VDDSHV1
VDD
VDDSHV1
VDD
VDDSHV1
VDD
VDDSHV1
VDD
VDDS1
NC
VDD
TXA11N TXA11P TXA10N TXA10P
BBOUT4N BBOUT4P BBOUT3N BBOUT3P
VDDS2
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXA13P TXA13N TXA12P TXA12N
BBOUT6N BBOUT6P BBOUT5N BBOUT5P
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDS1 TXA15P TXA15N TXA14N TXA14P
BBOUT8N BBOUT8P BBOUT7N BBOUT7P
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXA17P TXA17N TXA16N TXA16P
BBOUT10N BBOUT10P BBOUT9N BBOUT9P
VDDS2
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDS1 TXA19N TXA19P TXA18N TXA18P
RXA13P RXA14N RXA14P BBOUT11P BBOUT11N
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXB1P
TXB1N
TXB0P
TXB0N
RXA13N RXA12P RXA11N RXA11P VDDS2
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDS1
TXB3P
TXB3N
TXB2P
TXB2N
RXA12N RXA10P RXA9N
RXA9P
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXB5P
TXB5N
TXB4P
TXB4N
RXA10N RXA8N
RXA8P
RXA7N
RXA7P
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXB7P
TXB7N
TXB6P
TXB6N
RXA6N
RXA6P
RXA5N
RXA5P
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDS1
TXB9P
TXB9N
TXB8P
TXB8N
RXA4N
RXA3N
RXA3P
RXA2N
RXA2P
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
TXB11P TXB11N TXB10P TXB10N
RXA4P
RXA1P
RXA0N
RXA0P
VDD
NC
VDDS2
VDD
VDDSHV2
VDD
VDDSHV2
VDD
VDDSHV2
VDD
VDD
VDDS1
NC
VDD
TXB13P TXB13N TXB12P TXB12N
RXA1N RXB14N RXB10N RXB10P
NC
NC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
NC
NC
TXB15P TXB15N TXB14N TXB14P
RXB14P RXB13P
NC
RXB6P
RXB6N
RXB4P
RXB2P
VPP
VSS
VPP
VSS
DVGA6
VSS
TDO
TMS
RXC6N
RXC4N
NC
TXB17P TXB17N TXB16P TXB16N
RXB13N RXB12N RXB8N
RXB8P
RXB5P
RXB4N
RXB2N VDDMON RESETB DVGA13 DVGA10 DVGA7
DVGA3
DVGA0
TDI
RXC6P
RXC5N
RXC4P TXB19N TXB19P TXB18N TXB18P
RXB12P RXB11P RXB9P
RXB7N
RXB5N
RXB3P
RXB1N VSSMON
SPIDO
(SPARE) DVGA14 DVGA11 DVGA8
DVGA4
DVGA1
TRSTB
RXC7N
RXC5P
RXC3P
RXC2N
RXC2P
RXC0N
NC
NC
RXB11N RXB9N
RXB7P
NC
RXB3N
RXB1P
RXB0P
RXB0N TESTMOD DVGA15 DVGA12 DVGA9
DVGA5
DVGA2
TCK
RXC7P
RXC3N
RXC1N
RXC1P
RXC0P
NC
AB
AB
P0131-01
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Pin Assignment and Descriptions (Top View)
Figure 7. GC533x Pinout (Top View)
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com