Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 23 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 23 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 19Page - Texas Instruments GC5337 Datasheet HTML 20Page - Texas Instruments GC5337 Datasheet HTML 21Page - Texas Instruments GC5337 Datasheet HTML 22Page - Texas Instruments GC5337 Datasheet HTML 23Page - Texas Instruments GC5337 Datasheet HTML 24Page - Texas Instruments GC5337 Datasheet HTML 25Page - Texas Instruments GC5337 Datasheet HTML 26Page - Texas Instruments GC5337 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
The widest-band feedback is seen directly from the ADC interface to the capture buffer. Further RX processing to
get the complex data to the capture buffer requires that the complex rate is one-half the DPD clock rate or lower.
RX Sub-Chips
Each of two RX sub-chips consists of the following blocks (each block may be optionally bypassed), which
operate on a per-stream basis:
•
DC offset cancellation
•
Front-end automatic gain control (feAGC)
•
Real-to-Complex (R2C) conversion
•
Switch for replicating or moving streams across the four paths (per sub-chip)
•
IF NCO for complex mixing (frequency translation)
•
Bulk downconverter (BDC)
•
Equalizer
•
IQ imbalance correction
DC offset cancellation
The dc offset canceller can be programmed to integrate a number of input samples automatically, divide by a
power of 2, and subtract the mean offset or a programmed offset from the input. The input can be real or
complex. Each input ADC has a separate cancellation for each RX block channel.
Front-end AGC
The feAGC block is used to control the RX ADC input level by controlling an external DVGA.
The feAGC has multiple channels in each RX block:
•
1 real stream up to 4
× DPD clock rate (only use one block)
•
2 real (using both blocks) or 1 complex stream (only use one block) up to 2
× DPD clock rate each
•
4 real or 2 complex streams up to DPD clock rate each (uses both blocks)
•
8 real or 4 complex streams up to 1/2 DPD clock rate each (uses both blocks)
The feAGC has both threshold comparison and an integrated power measurement. The feAGC has an error
accumulation. The error accumulation can be mapped to a specific ADC desired operating point. The integral
controller outputs the DVGA value to control the ADC input. DVGA controls are mapped to the specific DVGA
outputs, supporting multiple DVGA types. Multipliers in the data path can be used to compensate for external
DVGA gain changes (from the feAGC output control word). A delay block aligns the gain value applied to the
internal multiplier with the point in time on the data samples where the external gain change was applied. Use of
this multiplier minimizes gain steps that would cause transients in the downstream digital filters and allows
relative power measurements on the digital signals.
The AGC operation may be suspended during certain conditions. The internal controlled-delay AGC update and
special clock gating can be used to suspend the AGC operation.
The control word outputs from the feAGC blocks are applied to external DVGA parts via the DVGA pins. There
are 16 DVGA pins (3.3-V CMOS) which may be individually configured as DVGA output signals or GPIO (input or
output) signals. When used as DVGA control signals, there are two modes:
•
Transparent mode
– parallel output words are connected directly to DVGAs that are being used in a mode
without a clock or latch signal to clock-in the gain word. This is the minimum latency mode. There can be two
ports of 8 bits each, three ports of 5 bits each, four ports of 4 bits each, or five ports of 3 bits each.
•
Clocked mode
– eight latch enable (LE) signals and one 8-bit output word. This mode allows up to eight
control signals, up to 8 bits each, but with increased latency. The LE signal may be a positive or negative
pulse, with programmable width.
R2C
In the real-to-complex conversion block, real signal inputs are up- or downconverted by fS/4, filtered to isolate the
selected sideband, and decimated by a factor of 2. Real-to-complex conversion is bypassed for complex inputs.
The rejection of the R2C decimation filter is:
•
For 90% bandwidth signal,
–68 dB, stop band
•
For 80% bandwidth signal,
–106 dB, stop band
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com