Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 38 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 38 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 34Page - Texas Instruments GC5337 Datasheet HTML 35Page - Texas Instruments GC5337 Datasheet HTML 36Page - Texas Instruments GC5337 Datasheet HTML 37Page - Texas Instruments GC5337 Datasheet HTML 38Page - Texas Instruments GC5337 Datasheet HTML 39Page - Texas Instruments GC5337 Datasheet HTML 40Page - Texas Instruments GC5337 Datasheet HTML 41Page - Texas Instruments GC5337 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Table 19. RX ADC-W14 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
RX input clock frequency ADCA14 Clk,
fCLK(ADC)
See (1)
620
MHz
ADCB14 Clk
tsu(ADC,A)
Input data setup time on port A before
See (1)(2)
160
ps
ADCA14 Clk transition
th(ADC,A)
Input data hold time on port A after
See (1)(2)
200
ps
ADCA14 Clk transition
tsu(ADC,B)
Input data setup time on port B before
See (1)(2)
180
ps
ADCB14 Clk transition
th(ADC,B)
Input data hold time on port B after
See (1)(2)
220
ps
ADCB14 Clk transition
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Setup and hold times apply to data and appropriate ADC Clk, respectively. Timing is measured from ADC Clk threshold crossing.
Table 20. RX ADC-B7, B14 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fCLK(ADC-AB)
RX input clock frequency, ADCA7 Clk,
See (1)
620
MHz
ADCB7 Clk
fCLK(ADC-C)
RX input clock frequency, ADCC7 Clk
See (1)
620
MHz
Input data setup time on port A before
tsu(ADC,A)
See (1)(2)
260
ps
ADCA7 Clk transition
Input data hold time on port A after
th(ADC,A)
See (1)(2)
160
ps
ADCA7 Clk transition
Input data setup time on port B before
tsu(ADC,B)
See (1)(2)
170
ps
ADCB7 Clk transition
Input data hold time on port B after
th(ADC,B)
See (1)(2)
140
ps
ADCB7 Clk transition
Input data setup time on port C before
tsu(ADC,C)
See (1)(2)
290
ps
ADCC7 Clk transition
Input data hold time on port C after
th(ADC,C)
See (1)(2)
150
ps
ADCC7 Clk transition
Input data setup time on port A before
tsu(ADC,A)
See (1)(2)
130
ps
ADCA14 Clk transition
Input data hold time on port A after
th(ADC,A)
See (1)(2)
200
ps
ADCA14 Clk transition
Input data setup time on port B before
tsu(ADC,B)
See (1)(2)
170
ps
ADCB14 Clk transition
Input data hold time on port B after
th(ADC,B)
See (1)(2)
240
ps
ADCB14 Clk transition
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Setup and hold times apply to data and appropriate ADC Clk, respectively. Timing is measured from ADC Clk threshold crossing.
38
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com