Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 33 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 33 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 29Page - Texas Instruments GC5337 Datasheet HTML 30Page - Texas Instruments GC5337 Datasheet HTML 31Page - Texas Instruments GC5337 Datasheet HTML 32Page - Texas Instruments GC5337 Datasheet HTML 33Page - Texas Instruments GC5337 Datasheet HTML 34Page - Texas Instruments GC5337 Datasheet HTML 35Page - Texas Instruments GC5337 Datasheet HTML 36Page - Texas Instruments GC5337 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Table 13. General Switching Characteristics, RX BB LVDS Output
– DDR0
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
BASEBAND INTERFACE DDR LVDS
fCLK(Byte)
Baseband output clock frequency
See(1)
384
MHz
fCLK(Nibble0)
384
MHz
fCLK(Nibble1)
500
MHz
fCLK(Serial)
384
MHz
tskmax(BB)Serial0
BBOUT3 Clk, BBOUT1:0 Data, BBOUT2
See(2)(3)
–60
ps
Sync
tskmin(BB)Serial0
BBOUT3 Clk, BBOUT1:0 Data, BBOUT2
See(2)(3)(4)
400
ps
Sync
tskmax(BB)Serial1
BBOUT3 Ck, BBOUT1:0 Data, BBOUT2
See(2)(3)
–130
ps
Sync
tskmin(BB)Serial1
BBOUT3 Clk, BBOUT1:0 Data, BBOUT2
See(2)(3)(4)
500
ps
Sync
tskmax(BB)Serial2
BBOUT7 Clk, BBOUT5:4 Data, BBOUT6
See(5)(6)
–45
ps
Sync
tskmin(BB)Serial2
BBOUT7 Clk, BBOUT5:4 Data, BBOUT6
See(5)(6)(7)
425
ps
Sync
tskmax(BB)Nibble0
BBOUT3 Clk, BBOUT5,4,1,0 Data, BBOUT2
See(5)(6)
0
ps
Sync
tskmin(BB)Nibble0
BBOUT3 Clk, BBOUT5,4,1,0 Data, BBOUT2
See(5)(6)(7)
400
ps
Sync
tskmax(BB)Nibble1
BBOUT7 Clk, BBOUT11:8 Data, BBOUT6
See(5)(6)
10
ps
Sync
tskmin(BB)Nibble1
BBOUT7 Clk, BBOUT11:8 Data, BBOUT6
See(5)(6)(7)
460
ps
Sync
tskmax(BB)Byte
BBOUT7 Clk, BBOUT11:8,5:4,2:0 Data,
See(5)(6)
0
ps
BBOUT6 Sync
tskmin(BB)Byte
BBOUT7 Clk, BBOUT11:8,5:4,2:0 Data,
See(5)(6)(7)
480
ps
BBOUT6 Sync
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Skew measured for RX BBOUT data and frame signals, relative to the BBclk signal at zero crossing. BBclk is measured at threshold
crossing. Lab measurement +signal
→ 50 Ω → Vcommon → 50 Ω → –signal. Vcommon has a 0.01-µF filter capacitor to GND.
Differential probe used for measurement.
(3)
The customer interface design modifies the trace lengths based on the desired receiver timing and clock delays.
(4)
tsu = –tskmax; thold = 1/4 BBclk period – tskmin.
(5)
Skew measured for RX BBOUT data and frame signals, relative to the BBclk signal at zero crossing. BBclk is measured at threshold
crossing. Lab measurement +signal
→ 50 Ω → Vcommon → 50 Ω → –signal. Vcommon has a 0.01-µF filter capacitor to GND.
Differential probe used for measurement.
(6)
The customer interface design modifies the trace lengths based on the desired receiver timing and clock delays.
(7)
tsu = –tskmax; thold = 1/4 BBclk period – tskmin.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com