Electronic Components Datasheet Search
  English  ▼

X  

GC5337 Datasheet(PDF) 41 Page - Texas Instruments

Part # GC5337
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5337 Datasheet(HTML) 41 Page - Texas Instruments

Back Button GC5337 Datasheet HTML 37Page - Texas Instruments GC5337 Datasheet HTML 38Page - Texas Instruments GC5337 Datasheet HTML 39Page - Texas Instruments GC5337 Datasheet HTML 40Page - Texas Instruments GC5337 Datasheet HTML 41Page - Texas Instruments GC5337 Datasheet HTML 42Page - Texas Instruments GC5337 Datasheet HTML 43Page - Texas Instruments GC5337 Datasheet HTML 44Page - Texas Instruments GC5337 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
TCK
TDI
TDO
t
t
OH
t
SU
t
H
t
d
T0289-02
T0516-01
SPI Clock
SPIDIO-In
SPIENB
SPIDO(SPARE)
t
su(DENB)
t
su(DI)
t
h(DI)
t
h(DO)
t
d(DO1)
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Figure 24. JTAG Timing Specifications
The SPI programming interface is active only when EMIFENA is 0. There are both three-wire and four-wire SPI
interfaces; the SPIDO(SPARE) is the fourth wire for SPI data output.
Table 25. SPI Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tsu(DENB)
Enable setup time before SPI CLK
↑
Valid for SPIDENB, see(1)
5
ns
tsu(DI)
Data setup time before SPI CLK
↑
Valid for SPIDIO, see(1)
5
ns
th(DI)
Input data hold time after CLK
↑
Valid for SPIDIO, see(1)
0.6
ns
td(DO)
Output data delay from fTCK↓
Valid for SPIDIO, see(2)
8
ns
td(DO1)
Output data delay from fTCK↓
Valid for SPIDO(SPARE), see(2)
8
ns
fclk SPI
SPI clock frequency
See(1)
50
MHz
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
The SPI data output in three-wire mode comes from SPIDIO; in four-wire mode the output is from SPIDO(SPARE).
Figure 25. SPI Timing Specifications
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com