Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
23
•
Left, right, or center aligned PWM
•
Output slew rate control
•
Output Short Circuit Detection
This module is suited for, but not limited to, driving small stepper and air core motors used in instrumentation applications. This
module can be used for other motor control or PWM applications that match the frequency, resolution, and output drive
capabilities of the module.
1.6.28
Stepper Stall Detect (SSD)
The stepper stall detector (SSD) module provides a circuit to measure and integrate the induced voltage on the non-driven coil
of a stepper motor using full steps when the gauge pointer is returning to zero (RTZ).
The SSD module features the following:
•
Programmable full step state
•
Programmable integration polarity
•
Blanking (recirculation) state
•
16-bit integration accumulator register
•
16-bit modulus down counter with interrupt
1.6.29
Sound Generation Logic (SGL)
The SGL has two modes of operation:
•
Amplitude modulated PWM mode for low cost buzzers using any two eMIOS channels:
— Monophonic signal with amplitude control
— 8-bit amplitude resolution
— Ability to mix any two eMIOS channels.
— Requires simple external RC lowpass filter
•
Digital sample mode for higher quality sound using one eMIOS channel and eDMA
— Up to 10-bit audio amplitude resolution
— Polyphonic sound synthesis
— Playback of sample based waveforms
— Text-to-speech possibility
— Requires external lowpass filter
1.6.30
IEEE 1149.1 JTAG Controller (JTAGC)
JTAGC features the following:
•
Backward compatible to standard JTAG IEEE 1149.1-2001 test access port (TAP) interface
•
Support for boundary scan testing
1.6.31
Nexus Development Interface (NDI)
Nexus features the following:
•
Per IEEE-ISTO 5001-2003
•
Nexus 2 Plus features supported
— Static debug
— Watchpoint messaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com