Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
62
•
Do not:
— Violate injection current limit per IO/All IO pins as per specifications
— Connect sensitive supplies/ground on noisy supplies/ground (that is, ADC, PLL, and OSC)
— Use SMD supply for generation of noise free supply as these are most noisy lines in the system
— Connect different VDD pins (connected together inside the device) to different potentials.
3.5
Thermal characteristics
3.5.1
General notes for specifications at maximum junction temperature
An estimate of the chip junction temperature, TJ, can be obtained from Equation 1:
TJ = TA + (RJA  PD)
Eqn. 1
where:
TA
= ambient temperature for the package (°C)
RJA = junction to ambient thermal resistance (°C/W)
PD
= power dissipation in the package (W)
Table 17. LQFP thermal characteristics
Symbol
C
Parameter
Conditions
Value
Unit
144-pin 176-pin
RJA
CC D Thermal resistance, junction-to-ambient
natural convection1
1 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board—1s
50
43
°C/W
CC
Four layer board—2s2p
41
35
°C/W
RJMA CC D Thermal resistance, junction-to-moving-air
ambient2
@ 200 ft./min., single layer
board—1s
41
35
°C/W
CC
@ 200 ft./min., four layer
board—2s2p
35
30
°C/W
RJB
CC D Thermal resistance, junction-to-board2
2 Junction-to-board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—29
24
°C/W
RJCtop CC D Thermal resistance, junction-to-case
(top)3
3 Junction-to-case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—10
9
°C/W
JT
CC D Junction-to-package top thermal
characterization parameter, natural
convection4
4 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—2
2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com