Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
67
Figure 7. External NPN ballast connections
The capacitor values listed in Table 22 include a de-rating factor of 40%, covering tolerance, temperature, and aging effects.
These factors are taken into account to assure proper operation under worst-case conditions. X7R type materials are
recommended for all capacitors, based on ESR characteristics.
Large capacitors are for regulator stability and should be located near the external ballast transistor. The number of capacitors
is not important — only the overall capacitance value and the overall ESR value are important.
Small capacitors are for power supply decoupling, although they do contribute to the overall capacitance values. They should
be located close to the device pin.
Table 21. Allowed ballast components
Part
Manufacturer
Recommended derivative
BCP68
ON, IFX, NXP, Fairchild, ST, etc.
BCP68
BCX68
IFX
BCX68-10
BCX68-16
BC817
ON, IFX, NXP, Fairchild, etc.
BC817Su
BC817-25
BCP56
ON, IFX, NXP, Fairchild, ST, etc.
BCP68-10
BCP68-16
Table 22. Ballast component parameters
Parameter
Specification
Capacitance on VDDR
10
F (minimum)
Place close to NPN collector
Stability capacitance on VDD12
40
F (minimum)
Place close to NPN emitter
Decoupling capacitance on VDD12
100 nF
 number of pins (minimum)
Place on each VDD12/VSS12 pair and on the PLL
supply/ground pair
Base resistor
20 k
VRC_CTRL
VDDR
VDD12
20 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com