Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
90
3.13
FMPLL electrical characteristics
The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system clock from the main
oscillator driver.
Table 43. Slow external crystal oscillator (32 KHz) electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
fSXOSC
SR T Slow external crystal oscillator
frequency
—
32
—
40
kHz
VSXOSC
CC T Oscillation amplitude
VDD = 3.3 V ± 10%
1.12
1.33
1.74
V
TVDD = 5.0 V ± 10%
1.12
1.37
1.74
ISXOSC
CC D Slow external crystal oscillator
consumption
——
—
5
µA
TSXOSCSU CC T Slow external crystal oscillator
start-up time
——
—
22
2 The quoted figure is based on a board that is properly laid out and has no stray capacitances.
s
VIH
SR D Input high level CMOS Schmitt
Trigger
Oscillator bypass mode
0.65VDD
—VDD + 0.4
V
VIL
SR D Input low level CMOS Schmitt
Trigger
Oscillator bypass mode
0.4
—
0.35VDD
V
Table 44. FMPLL electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DDPLL = 1.2 V ± 10%, TA = 40 to 105 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
fPLLIN
SR T FMPLL reference clock2
2 PLLIN clock retrieved directly from FXOSC clock. Input characteristics are granted when oscillator is used in
functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and PLLIN.
—4
—
64
MHz
PLLIN
SR T FMPLL reference clock duty cycle2 —40
—
60
%
fPLLOUT CC T FMPLL output clock frequency
—
16
—
64
MHz
fCPU
CC T System clock frequency
—
—
—
643
3 f
CPU 64 MHz can be achieved only at temperatures up to TA = 105 °C with a maximum FM depth of 2%.
MHz
tLOCK
CC T FMPLL lock time
Stable oscillator (fPLLIN = 16 MHz)
—
—
200
µs
t
PKJIT
CC T FMPLL jitter (peak to peak)
fPLLIN = 16 MHz (resonator)
—
—
220
ps
t
LTJIT
CC T FMPLL long term jitter
fPLLIN = 16 MHz (resonator)
—
—
1.5
ns
IPLL
CC D FMPLL consumption
TA = 25 °C
—
—
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com