Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
74
The HPREG has a “soft startup” profile which increases the supply in steps of approximately 50 mV in a series of approximately
25 steps. Therefore, the peak current is within 750 mA of the maximum current during startup. This eliminates any noise on the
VDDR supply during startup and charging of NPN emitter stability capacitance of 40
F (minimum).
Soft startup also occurs when waking up from standby mode to limit noise on the VDDR supply.
In case VDDR is shared between the device and the ballast, it must be star routed on the board or isolated as much as possible
to avoid any noise injected by the ballast. Soft startup will help to limit this noise but a VDDR capacitor close to the ballast pin
is critical here. A minimum capacitance of 10
F is needed.
Table 29 shows the typical and maximum startup currents.
3.7.6
HPREG load regulation characteristics
The HPREG exhibits a very strong load-regulation behavior (the transition from low- to high-current state is regulated quickly).
This is illustrated in Figure 12, which shows a 10–150 mA jump over 10 ns. Under any case of load transition, the HPREG
responds within 100 ns and stabilizes within 5
s. This helps improve the stability of the 1.2 V supply and settling time.
Figure 11. HPREG load regulation
3.8
I/O pad electrical characteristics
3.8.1
I/O pad types
The device provides five main I/O pad types:
•
Slow pads — These are the most common pads, providing a good compromise between transition time and low
electromagnetic emission.
•
Medium pads — These are provided in two types (M1 and M2) and provide transitions fast enough for the serial
communication channels. M2 pads include slew rate control.
Table 29. Startup current
Symbol
C
Parameter
Value
Unit
Typ
Max
ISTART
CC
T Startup current
300
800
mA
1.2 V supply
Base control
3 V input supply
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com