| Electronic Components Datasheet Search |
|
MPC5606S Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606S Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 136 page ![]() PK[8] PCR[129] Option 0 Option 1 Option 2 Option 3 GPIO[129] MDO2 PDI[16] — —SIUL Nexus PDI — I/O M1 None, None —42 D11 PK[9] PCR[130] Option 0 Option 1 Option 2 Option 3 GPIO[130] MDO3 PDI[17] — —SIUL Nexus PDI — I/O M1 None, None —44 A10 PK[10] PCR[131] Option 0 Option 1 Option 2 Option 3 GPIO[131] SDA_1 eMIOSA[15] — —SIUL I2C_1 PWM/Timer — I/O S None, None —52 N6 PK[11] PCR[132] Option 0 Option 1 Option 2 Option 3 GPIO[132] SCL_1 eMIOSA[14] — —SIUL I2C_1 PWM/Timer — I/O S None, None —53 N5 PK[12] — — Reserved — — — — — — — — PK[13] — — Reserved — — — — — — — — PK[14] — — Reserved — — — — — — — — PK[15] — — Reserved — — — — — — — — 1 Alternate functions are chosen by setting the values of the PCR[n].PA bitfields inside the SIUL module. PCR[n].PA = 00 -> Option 0; PCR[n].PA = 01 -> Option 1; PCR[n].PA = 10 -> Option 2; PCR[n].PA = 11-> Option 3. This is intended to select the output functions; to use one of the input functions, the PCR[n].IBE bit must be written to ‘1’, regardless of the values selected in the PCR[n].PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 2 Special functions are enabled independently from the standard digital pin functions. Enabling standard I/O functions in the PCR registers may interfere with their functionality. ADC functions are enabled using the PCR[APC] bit; other functions are enabled by enabling the respective module. 3 Using the PSMI registers in the System Integration Unit Lite (SIUL), different pads can be multiplexed to the same peripheral input. Please see the SIUL chapter of the MPC5606S Microcontroller Reference Manual for details. 4 See Table 9. 5 Reset configuration is given as I/O direction and pull, e.g., “Input, Pullup”. 6 This option on this pin has alternate functions that depend on whether the QuadSPI is in SPI mode or in serial flash mode (SFM). 7 Out of reset pins PH[0:3] are available as JTAG pins (TCK, TDI, TDO and TMS respectively). It is up to the user to configure pins PH[0:3] when needed. Table 8. Port pin summary (continued) Port pin PCR register Alternate function1 Function Special function2 Peripheral3 I/O direction Pad type4 RESET config.5 Pin number 144 LQFP 176 LQFP 208 MAPBG A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |