Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
100
3.18
LCD driver electrical characteristics
3.19
Pad AC specifications
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSSA and VDDA limits, remaining on absolute maximum ratings, but the results of the conversion
will be clamped respectively to 0x000 or 0x3FF
4 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
5 The maximum sample rate is 1 million samples per second, provided the source impedance and current
limiter(>1 k
) are calculated adequately.
- Filter capacitor at analog source output must meet the criteria Cf (filter capacitor) > 2048*Cs (sampling capacitor
which is 3 pF )
6 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the
time to load the result’s register with the conversion result.
Table 51. LCD driver specifications
Symbol
C
Parameter
Value1
1 V
DD =5.0 V±10%, TA = –40–105 °C, unless otherwise specified
Unit
Min
Typ
Max
VLCD
SR
C Voltage on VLCD (LCD supply) pin with
respect to VSS
0
—
VDDE + 0.3
V
ZBP/FP
CC
T LCD output impedance
(BP[n-1:0],FP[m-1:0]) for output levels
VLCD, VSS2
2 Outputs measured one at a time, low impedance voltage source connected to the VLCD pin.
——
5.0
k
IBP/FP
CC
T LCD output current
(BP[n-1:0],FP[m-1:0]) for outputs
charge/discharge voltage levels
VLCD2/3, VLCD1/2, VLCD1/3)2,3
3 With PWR=10, BSTEN=0, and BSTAO=0
—25—
A
Table 52. Pad AC specifications (5.0 V, PAD3V5V = 0)1
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
1.5
—30
6
—50—
—
4
0.04
—
2
25
1.5
—
30
9
—
100
—
—
2
0.04
—
2
50
1.5
—
30
12
—
125
—
—
2
0.04
—
2
100
1.5
—
30
16
—
150
—
—
2
0.04
—
2
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com