Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
15
1.6.12
Memory Protection Unit (MPU)
The MPU features the following:
•
12 region descriptors for per master protection
•
Start and end address defined with 32-byte granularity
•
Overlapping regions supported
•
Protection attributes can optionally include process ID
•
Protection offered for 3 concurrent read ports
•
Read and write attributes for all masters
•
Execute and supervisor/user mode attributes for processor masters
1.6.13
Boot Assist Module (BAM)
The BAM is a block of read-only memory that is programmed once by Freescale. The BAM program is executed every time
the MCU is powered-on or reset in normal mode. The BAM supports different modes of booting. They are:
•
Booting from internal flash memory
•
Serial boot loading (A program is downloaded into RAM via FlexCAN or LINFlex and then executed)
•
Booting from external memory
Additionally the BAM:
•
Enables and manages the transition of the MCU from reset to user code execution
•
Configures device for serial bootload
•
Enables multiple bootcode starting locations out of reset through implementation of search for valid Reset
Configuration Halfword
•
Enables or disables software watchdog timer out of reset through BAM read of Reset Configuration Halfword option
bit
1.6.14
Enhanced Modular Input/Output System (eMIOS)
MPC5606S microcontrollers have two eMIOS modules—one with 16 channels and one with 8—with input/output channels
supporting a range of 16-bit input capture, output compare, and Pulse Width Modulation functions.
The modules are configurable and can implement 8-channel, 16-bit input capture/output compare or 16-channel, 16-bit output
pulse width modulation/input compare/output compare. Up to five additional channels are configurable as modulus counters.
eMIOS other features include:
•
Selectable clock source from main FMPLL, auxiliary FMPLL, external 4–16 MHz oscillator or 16 MHz Internal RC
oscillator
•
Timed I/O channels with 16-bit counter resolution
•
Buffered updates
•
Support for shifted PWM outputs to minimize occurrence of concurrent edges
•
Edge aligned output pulse width modulation
— Programmable pulse period and duty cycle
— Supports 0% and 100% duty cycle
— Shared or independent time bases
•
Programmable phase shift between channels
•
Selectable combination of pairs of eMIOS outputs to support sound generation
•
DMA transfer support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com