Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
92
3.16
Flash memory electrical characteristics
Table 46. Slow internal RC oscillator (128 kHz) electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
fSIRC
CC P Slow internal RC oscillator low
frequency
TA = 25 °C, trimmed
—
128
—
kHz
SR —
—
100
150
SIRCVAR CC C Slow internal RC oscillator variation
across temperature (TA = -40°C to
105°C) and supply with respect to fSIRC
at TA = 25 °C in high frequency
configuration
Trimmed
-10%
+10% kHz
ISIRC
CC D Slow internal RC oscillator low
frequency current
TA = 25 °C, trimmed
—
—
5
µA
tSIRCSU CC C Slow internal RC oscillator start-up time TA = 25 °C, VDD = 5.0 V ± 10%
—
8
12
µs
Table 47. Program and erase specifications
Symbol
C
Parameter
Value
Unit
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C.
Initial
max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program and erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Tdwprogram
CC C Double word (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
22
50
500
µs
T16kpperase
CC C 16 KB block pre-program and erase time
300
500
5000
ms
T32kpperase
CC C 32 KB block pre-program and erase time
400
600
5000
ms
T128kpperase
CC C 128 KB block pre-program and erase time
800
1300
7500
ms
Teslat
CC D Erase suspend latency
—
30
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com