Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
61
3.4.2
Connecting power supply pins: What to do and what not to do
•Do:
— Have all power/ground supplies connected on the board from a strong supply source rather than weak voltage
divider sources unless there is “NO IO activity” in the section
— Meet the supply specifications for max / typical operating conditions to guarantee correct operation
— Place the decoupling near the supply/ground pin pair for EMI emissions reduction
— Route high-noise supply/ground away from sensitive signals (for example, ADC channels must be away from
SMD supply/motor pads)
— Use star routing for the ballast supply from the VDDR supply to avoid ballast startup noise injected to VDDR
supply of the device
— Use LC inductive filtering for ADC, OSC, and PLL supplies if these are generated from common board regulators
VDDE_B SR C Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSSE_B)
—4.5
5.5
V
VDDE_C
7 SR C Voltage on VDDE_C (I/O supply) pin with
respect to ground (VSSE_C)
—4.5
5.5
V
VDDE_E SR C Voltage on VDDE_E (I/O supply) pin with
respect to ground (VSSE_E)
—4.5
5.5
V
VDDMA SR C Voltage on VDDMA (stepper motor supply)
pin with respect to ground (VSSMA)
—4.5
5.5
V
VDDMB SR C Voltage on VDDMB (stepper motor supply)
pin with respect to ground (VSSMB)
—4.5
5.5
V
VDDMC SR C Voltage on VDDMC (stepper motor supply)
pin with respect to ground (VSSMC)
—4.5
5.5
V
VSSOSC SR C Voltage on VSSOSC (oscillator ground) pin
with respect to VSS
—0
0
V
VLCD
SR C Voltage on VLCD (LCD supply) pin with
respect to VSS
—0
VDDE_A +0.3
V
TVDD
SR C VDD slope to ensure correct power up
—
3
10–6
0.25
V/µs
TA
SR C Ambient temperature under bias
—
40
105
°C
TJ
SR C Junction temperature under bias
—
40
150
°C
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
2 Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, I/O DC and ADC electrical
characteristics may not be guaranteed below 4.5 V during the voltage drop sequence.
3 10 µF capacitance must be connected between V
DDR and VSS12. This is required because of sharp surge due to
external ballast.
4 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDDE_C, VDDE_E, VDDMA, VDDMB and VDDMC.
5 100 nF capacitance needs to be provided between each V
DD/VSS pair
6 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSE_B, VSSE_C, VSSE_E, VSSMA, VSSMB and
VSSMC) unless otherwise noted.
7 V
DDE_C should be the same as VDDA with a 100 mV variation, i.e., VDDE_C = VDDA 100 mV.
Table 16. Recommended operating conditions (5.0 V) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com