Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
19
•
Interrupt driven operation with 16 interrupt sources
•
LIN slave mode features
— Autonomous LIN header handling
— Autonomous LIN response handling
— Discarding of irrelevant LIN responses using up to 16 ID filters
•
UART mode
— Full-duplex operation
— Standard non return-to-zero (NRZ) mark/space format
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit or 9-bit words)
— Error detection and flagging
–
Parity, noise and framing errors
— Interrupt driven operation with 4 interrupts sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— 2 receiver wake-up methods
1.6.19
System clocks and clock generation modules
The system clock on the MPC5606S can be derived from an external oscillator, an on-chip FMPLL, or the internal 16 MHz
oscillator.
•
The source system clock frequency can be changed via an on-chip programmable clock divider (
1 to 2).
•
Additional programmable peripheral bus clock divider ratio (
1 to 16)
•
The MPC5606S has 2 on-chip FMPLLs—the primary module and an auxiliary module.
— Each features the following:
–
Input clock frequency from 4 MHz to 16 MHz
–
Lock detect circuitry continuously monitors lock status
–
Loss Of Clock (LOC) detection for reference and feedback clocks
–
On-chip loop filter (for improved electromagnetic interference performance and reduction of number of
external components required)
–
Support for frequency ramping from PLL
— The primary FMPLL module is for use as a system clock source. The auxiliary FMPLL is available for use as an
alternate, modulated or non-modulated clock source to eMIOS modules and as alternate clock to the DCU for
pixel clock generation.
•
The main oscillator provides the following features:
— Input frequency range 4–16 MHz
— Square-wave input mode
— Oscillator input mode 3.3 V (5.0 V)
— Automatic level control
— PLL reference
•
MPC5606S includes a 32 KHz low power external oscillator for slow execution, low power, and Real Time Clock
•
Dedicated internal 128 kHz RC oscillator for low power mode operation and self wake-up
— ±10% accuracy across voltage and temperature (after factory trimming)
— Trimming registers to support improved accuracy with in-application calibration
•
Dedicated 16 MHz internal RC oscillator
— Used as default clock source out of reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com