Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 4 Page - Cypress Semiconductor

  SL811HS Datasheet HTML 1Page - Cypress Semiconductor SL811HS Datasheet HTML 2Page - Cypress Semiconductor SL811HS Datasheet HTML 3Page - Cypress Semiconductor SL811HS Datasheet HTML 4Page - Cypress Semiconductor SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 4 of 32
PLL Clock Generator
Either a 12 MHz or a 48 MHz external crystal is used with the
SL811HS[1]. Two pins, X1 and X2, are provided to connect a low
cost crystal circuit to the device as shown in Figure 2 and
Figure 2. Use an external clock source if available in the appli-
cation instead of the crystal circuit by connecting the source
directly to the X1 input pin. When a clock is used, the X2 pin is
not connected.
When the CM pin is tied to a logic 0, the internal PLL is bypassed
so the clock source must meet the timing requirements specified
by the USB specification.
Figure 2. Full Speed 48 MHz Crystal Circuit
Figure 3. Optional 12 MHz Crystal Circuit
Typical Crystal Requirements
The following are examples of ‘typical requirements.’ Note that
these specifications are generally found as standard crystal
values and are less expensive than custom values. If crystals are
used in series circuits, load capacitance is not applicable. Load
capacitance of parallel circuits is a requirement. 48 MHz third
overtone crystals require the Cin/Lin filter to guarantee 48 MHz
operation.
Note
1. CM (Clock Multiply) pin of the SL811HS must be tied to GND when 48 MHz crystal circuit or 48 MHz clock source is used.
Cbk
0.01
μF
Rs
100
X1
48 MHz, series, 20-pF load
Cout
22 pF
Rf
1M
X2
Cin
22 pF
Lin
2.2
μH
X1
12 MHz Crystals:
Frequency Tolerance:
±100 ppm or better
Operating Temperature Range:
0
°C to 70°C
Frequency:
12 MHz
Frequency Drift over Temperature:
± 50 ppm
ESR (Series Resistance):
60
Ω
Load Capacitance:
10 pF min.
Shunt Capacitance:
7 pF max.
Drive Level:
0.1–0.5 mW
Operating Mode:
fundamental
48 MHz Crystals:
Frequency Tolerance:
±100 ppm or better
Operating Temperature Range:
0
°C to 70°C
Frequency:
48 MHz
Frequency Drift over Temperature:
± 50 ppm
ESR (Series Resistance):
40
Ω
Load Capacitance:
10 pF min.
Shunt Capacitance:
7 pF max.
Drive Level:
0.1–0.5 mW
Operating Mode:
third overtone
X1
12 MHz , series, 20-pF load
Rf
1M
Cin
22 pF
Cout
22 pF
Rs
100
X2
X1
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com