Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor SL811HS Datasheet HTML 30Page - Cypress Semiconductor SL811HS Datasheet HTML 31Page - Cypress Semiconductor SL811HS Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 31 of 32
Document History Page
Document Title: SL811HS Embedded USB Host/Slave Controller
Document Number: 38-08008
Revision
ECN
Submission
Date
Orig. of
Change
Description of Change
**
110850
12/14/01
BHA
Converted to Cypress format from ScanLogic
*A
112687
03/22/02
MUL
1) Changed power supply voltage to 4.0 V in section 7.1
2) Changed value of twdsu in section 7.6.2
3) Changed max. power supply voltage to 3.45 V in section 7.2
4) Changed accuracy of adjustment in section 7.2
5) Changed bits 0 and 1 to reserved in section 5.3.8
6) Changed bit 2 to reserved in section 5.3.5 and 5.3.7
7) Changed bit 2 to reserved in section 5.3.1
8) Changed definition of bit 6 in section 5.3.5 & 5.3.7
9) Added section 5.1, Register Values on Power-up and Reset
10) Changed bit description notes in section 5.3.7
11) Changed note about series termination resistors in section 7.5
12) Changed example in section 5.3.9
13) Changed J-K Programming States table in section 5.3.2
14) Added and removed comments for low-power modes in section 5.3.4
15) Removed sections specific to slave operation and SL11H
16) Removed duplicate tables
17) General formatting changes to section headings
18) Fixed all part number references
19) Added comments to section 7.5 and new definitions to section 2.0
*B
381894
See ECN
VCS
Went from single column to 2-column format. Combined information from
SL811HS (38-08008) and SL811S/T (83-08009)
*C
464641
See ECN
ARI
Added lead free part numbers to new section Ordering Information and
corrected references made to these parts. Corrected grammar. Added
compliance statement in section USB Host Transceiver Characteristics.
*D
749518
See ECN
ARI
Implemented the new template. Changed Figure 4. Labels on pins 2 and 3 were
swapped; this has been corrected.
Combined the 48-pin TQFP AXC Pin Assignment and Definition table with the
28-pin PLCC Pin Assignment and Definition table. Removed all instances of
SL811HST-AC. Corrected the variables. Removed references to the obsolete
SL11H.
*E
2914091
04/15/2010
VRD
Removed inactive parts from Ordering Information.
Updated Packaging Information.
*F
3202147
03/22/11
ODC
Template and style updates.
Added ordering code definitions, acroyms and units of measure.
Updated table titles and references.
Removed all references to 28-pin PLCC Package information as the package
is no longer offered.
Removed figure “Package Markings (28-pin PLCC)” on page 21 as it refers the
PLCC package.
Removed figure “48-Pin TQFP Mechanical Dimensions” as this is a duplicate
of the Package diagram later in the spec on page 31.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com