Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 19 of 32
SOF Low Register, Address [15h]. Read only register
contains the 7 low order bits of Frame Number in positions: bit
7:1. Bit 0 is undefined. Register is updated when a SOF packet
is received. Do not write to this register.
SOF High Register, Address [16h]. Read only register
contains the 4 low order bits of Frame Number in positions: bit
7:4. Bits 3:0 are undefined and should be masked when read by
the user. This register is updated when a SOF packet is received.
The user should not write to this register.
DMA Total Count Low Register, Address [35h]. The DMA
Total Count Low register contains the low order 8 bits of DMA
count. DMA total count is the total number of bytes to be trans-
ferred between a peripheral to the SL811HS. The count may
sometimes require up to 16 bits, therefore the count is repre-
sented in two registers: Total Count Low and Total Count High.
EP3 is only supported with DMA operation.
DMA Total Count High Register, Address [36h]. The DMA
Total Count High register contains the high order 8 bits of DMA
count. When written, this register enables DMA if the DMA
Enable bit is set in Control Register 1. The user should always
write Low Count register first, followed by a write to High Count
register, even if high count is 00h.
Bit Position
Bit Name
Function
7SL811HS
Master/Slave
selection
Master = ‘1’
Slave = ‘0’
6
SL811HS D+/D–
Data Polarity Swap
’1’ = change polarity (low speed)
’0’ = no change of polarity (full speed)
5-0
Reserved
NA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com