Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 18 of 32
USB Address Register, Address [07h]
This register contains the USB Device Address after assignment by USB host during configuration. On power-up or reset, USB
Address register is set to Address 00h. After USB configuration and address assignment, the device recognizes only USB transactions
directed to the address contained in the USB Address register.
Interrupt Status Register, Address [0Dh]
This read/write register serves as an Interrupt Status register when it is read, and an Interrupt Clear register when it is written. To clear
an interrupt, write the register with the appropriate bit set to ‘1’. Writing a ‘0’ has no effect on the status.
Current Data Set Register, Address [0Eh]. This register indicates current selected data set for each endpoint.
Control Register 2, Address [0Fh]. Control Register 2 is used to control if the device is configured as a master or a slave. It can
change the polarity of the Data+ and Data- pins to accommodate both full- and low speed operation.
Table 30. USB Address Register [Address 07h]
7
6
5
4
3
2
1
0
USBADD7
USBADD6
USBADD5
USBADD4
USBADD3
USBADD2
USBADD1
USBADD0
Table 31. Interrupt Status Register [Address 0Dh]
7
6
5
4
3
2
1
0
DMA Status
USB Reset
SOF Received
DMA Done
Endpoint 3
Done
Endpoint 2
Done
Endpoint 1
Done
Endpoint 0
Done
Bit Position
Bit Name
Function
7
DMA Status
When equal to ‘1’, indicates DMA transfer is in progress. When equal to 0, indicates DMA
transfer is complete. An interrupt is not generated when DMA is complete.
6
USB Reset
USB Reset Received Interrupt.
5
SOF Received
SOF Received Interrupt.
4
DMA Done
DMA Done Interrupt.
3
Endpoint 3 Done
Endpoint 3 Done Interrupt.
2
Endpoint 2 Done
Endpoint 2 Done Interrupt.
1
Endpoint 1 Done
Endpoint 1 Done Interrupt.
0
Endpoint 0 Done
Endpoint 0 Done Interrupt.
Table 32. Current Data Set Register [Address 0Eh]
7
6
5
4
3
2
1
0
Reserved
Endpoint 3
Endpoint 2
Endpoint 1
Endpoint 0
Bit Position
Bit Name
Function
7-4
Reserved
Not applicable.
3
Endpoint 3 Done
Endpoint 3a = 0, Endpoint 3b = 1.
2
Endpoint 2 Done
Endpoint 2a = 0, Endpoint 2b = 1.
1
Endpoint 1 Done
Endpoint 1a = 0, Endpoint 1b = 1.
0
Endpoint 0 Done
Endpoint 0a = 0, Endpoint 0b = 1.
Table 33. Control Register 2 [Address 0Fh]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SL811HS
Master/Slave
selection
SL811HS
D+/D– Data
Polarity Swap
Reserved
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com