Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor SL811HS Datasheet HTML 30Page - Cypress Semiconductor SL811HS Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 27 of 32
DMA Write Cycle
Note nWR must go low after nDACK goes low in order for nDRQ to clear. If this sequence is not implemented as requested, the next
nDRQ is not inserted.
Parameter
Description
Min
Typ
Max
tdack
nDACK low
80 ns
tdwrlo
nDACK to nWR low delay
5 ns
tdakrq
nDACK low to nDRQ high delay
5 ns
tdwrp
nWR pulse width
65 ns
tdhld
Data hold after nWR high
5 ns
tdsu
Data set-up to nWR strobe low
60 ns
tackrq
NDACK high to nDRQ low
5 ns
tackwrh
NDACK high to nDRQ low
5 ns
twrcycle
DMA Write Cycle Time
150 ns
nD R Q
n DACK
D0-D 7
DA T A
nW R
S L 811 D M A W R IT E C Y C L E T IM IN G
tdw rp
tdsu
tdack
tdhld
tdw rlo
tackw rh
tdakrq
tackrq
DMA Write Cycle
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com