Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 12 of 32
Interrupt Status Register, Address [Address = 0Dh]. The Interrupt Status register is a READ/WRITE register providing interrupt
status. Interrupts are cleared by writing to this register. To clear a specific interrupt, the register is written with corresponding bit set
to ’1’.
Current Data Set Register/Hardware Revision/SOF Counter LOW [Address = 0Eh]. This register has two modes. Read from this
register indicates the current SL811HS silicon revision.
Writing to this register sets up auto generation of SOF to all connected peripherals. This counter is based on the 12 MHz clock and
is not dependent on the crystal frequency. To set up a 1 ms timer interval, the software must set up both SOF counter registers to the
proper values.
Table 14. Interrupt Status Register [Address 0Dh]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D+
Device
Detect/Resume
Insert/Remove
SOF timer
Reserved
Reserved
USB-B
USB-A
Bit Position
Bit Name
Function
7
D+
Value of the Data+ pin.
Bit 7 provides continuous USB Data+ line status. Once it is determined that a device
is inserted (as described below) with bits 5 and 6, bit 7 is used to detect if the inserted
device is low speed (0) or full speed (1).
6
Device Detect/Resume Device Detect/Resume Interrupt.
Bit 6 is shared between Device Detection status and Resume Detection interrupt.
When bit-6 of register 05h is set to one, this bit is the Resume detection Interrupt bit.
Otherwise, this bit is used to indicate the presence of a device, ’1’ = device ‘Not present’
and ’0’ = device ‘Present.’ In this mode, check this bit along with bit 5 to determine
whether a device has been inserted or removed.
5
Insert/Remove
Device Insert/Remove Detection.
Bit 5 is provided to support USB cable insertion/removal for the SL811HS in host mode.
This bit is set when a transition from SE0 to IDLE (device inserted) or from IDLE to
SE0 (device removed) occurs on the bus.
4
SOF timer
‘1’ = Interrupt on SOF Timer.
3
Reserved
‘0’
2
Reserved
‘0’
1
USB-B
USB-B Done Interrupt. (See description in Interrupt Enable Register [address 06h].)
0
USB-A
USB-A Done Interrupt. (See description in Interrupt Enable Register [address 06h].)
Table 15. Hardware Revision when Read [Address 0Eh]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hardware Revision
Reserved
Bit Position
Bit Name
Function
7-4
Hardware Revision
SL811HS rev1.2 Read = 1H; SL811HS rev1.5 Read = 2.
3-2
Reserved
Read is zero.
1-0
Reserved
Reserved for slave.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com