Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 4Page - Cypress Semiconductor SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 8 of 32
USB-A/USB-B Host Base Length [Address = 02h, 0Ah].
The USB A/B Host Base Length register contains the maximum packet size transferred between the SL811HS and a slave USB
peripheral. Essentially, this designates the largest packet size that is transferred by the SL811HS. Base Length designates the size
of data packet sent or received. For example, in full speed BULK mode, the maximum packet length is 64 bytes. In ISO mode, the
maximum packet length is 1023 bytes since the SL811HS only has an 8-bit length; the maximum packet size for the ISO mode using
the SL811HS is 255 – 16 bytes (register space). When the Host Base length register is set to zero, a Zero-Length packet is transmitted.
USB-A/USB-B USB Packet Status (Read) and Host PID, Device Endpoint (Write) [Address = 03h, 0Bh]. This register has two
modes dependent on whether it is read or written. When read, this register provides packet status and contains information relative
to the last packet that has been received or transmitted. This register is not valid for reading until after the Done interrupt occurs, which
causes the register to update.
When written, this register provides the PID and Endpoint information to the USB SIE engine used in the next transaction.
All 16 Endpoints can be addressed by the SL811HS.
PID[3:0]: 4-bit PID Field (See following table), EP[3:0]: 4-bit Endpoint Value in Binary.
Table 5. USB-A / USB-B Host Base Length Definition [Address 02h, 0Ah]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HBL7
HBL6
HBL5
HBL4
HBL3
HBL2
HBL1
HBL0
Table 6. USB-A/USB-B USB Packet Status Register Definition when READ [Address 03h, 0Bh]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STALL
NAK
Overflow
Setup
Sequence
Time-out
Error
ACK
Bit Position
Bit Name
Function
7
STALL
Slave device returned a STALL.
6
NAK
Slave device returned a NAK.
5
Overflow
Overflow condition - maximum length exceeded during receives. For underflow, see
USB-A/USB-B Host Transfer Count Register (Read), USB Address (Write) [Address = 04h,
0Ch].
4
Setup
This bit is not applicable for Host operation since a SETUP packet is generated by the host.
3
Sequence
Sequence bit. ’0’ if DATA0, ’1’ if DATA1.
2
Time-out
Timeout occurred. A timeout is defined as 18-bit times without a device response (in full
speed).
1
Error
Error detected in transmission. This includes CRC5, CRC16, and PID errors.
0
ACK
Transmission Acknowledge.
Table 7. USB-A / USB-B Host PID and Device Endpoint Register when WRITTEN [Address 03h, 0Bh]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PID3
PID2
PID1
PID0
EP3
EP2
EP1
EP0
PID TYPE
D7-D4
SETUP
1101 (D Hex)
IN
1001 (9 Hex)
OUT
0001 (1 Hex)
SOF
0101 (5 Hex)
PREAMBLE
1100 (C Hex)
NAK
1010 (A Hex)
STALL
1110 (E Hex)
DATA0
0011 (3 Hex)
DATA1
1011 (B Hex)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com