Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor SL811HS Datasheet HTML 30Page - Cypress Semiconductor SL811HS Datasheet HTML 31Page - Cypress Semiconductor SL811HS Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 28 of 32
DMA Read Cycle
Note Data is held until nDACK goes high regardless of state of nREAD.
Reset Timing
Note Clock is 48 MHz nominal.
Parameter
Description
Min
Typ
Max
tdack
nDACK low
100 ns
tddrdlo
nDACK to nRD low delay
0 ns
tdckdr
nDACK low to nDRQ high delay
5 ns
tdrdp
nRD pulse width
90 ns
tdhld
Date hold after nDACK high
5 ns
tddaccs
Data access from nDACK low
85 ns
tdrdack
nRD high to nDACK high
0 ns
tdakrq
nDRQ low after nDACK high
5 ns
trdcycle
DMA Read Cycle Time
150 ns
n DRQ
n DAC K
D0-D 7
DA T A
n RD
S L 811 D M A R E A D C Y C L E T IM IN G
tdrdp
tdaccs
tdack
tdhld
tddrdlo
tdckdr
tdakrq
SL811 DMA Read Cycle Timing
nRST
treset
nRD or nWR
tioact
Reset Timing
Parameter
Description
Min
Typ
Max
tRESET
nRst Pulse width
16 clocks
tIOACT
nRst HIGH to nRD or nWR active
16 clocks
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com