Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 20 of 32
Physical Connections
These parts are offered in 48-pin TQFP package. The 48-pin TQFP package is the SL811HST-AXC.
48-Pin TQFP Physical Connections
48-Pin TQFP AXC Pin Layout
Figure 4. 48-Pin TQFP AXC USB Host/Slave Controller Pin Layout
*See Table 34 on page 21 for Pin and Signal Description for Pins 43 and 44 in Host Mode.
The diagram below illustrates a simple +3.3 V voltage source.
Figure 5. Sample VDD Generator
48-Pin TQFP
1
12
13
24
25
48
37
36
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Data-
nRD
NC
NC
NC
NC
NC
nWR
nCS
CM
VDD1
Data+
VDD
Clk/X1
X2
nRST
INTRQ
GND
D0
D1
D2
D3
GND
D4
D5
D6
D7
VDD
M/S
A0
nDACK*
NC
nDRQ*
USBGnd
NC
NC
NC
NC
[4]
Note
4. NC. Indicates No Connection. NC Pins must be left unconnected.
+5V (USB)
GND
R1
+3.3 V (VDD)
Sample VDD Generator
45 Ohms
3.9v, 1N52288CT-
Zener
2N2222
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com