Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 23 of 32
Electrical Specifications
Absolute Maximum Ratings
This section lists the absolute maximum ratings of the SL811HS. Exceeding maximum ratings may shorten the useful life of the device.
User guidelines are not tested..
Recommended Operating Condition
External Clock Input Characteristics (X1)
Description
Condition
Storage Temperature
–40°C to 125°C
Voltage on any pin with respect to ground
–0.3 V to 6.0 V
Power Supply Voltage (VDD)
4.0 V
Power Supply Voltage (VDD1)
4.0 V
Lead Temperature (10 seconds)
180°C
Notes
9. Fundamental mode for 12 MHz Crystal.
10. The SL811HS can use a 12 MHz Clock Source.
Parameter
Min
Typical
Max
Power Supply Voltage, VDD
3.0 V
3.3 V
3.45 V
Power Supply Voltage, VDD1
3.0 V
3.45 V
Operating Temperature
0°C
65°C
Crystal Requirements,
(X1, X2)
Min
Typical
Max
Operating Temperature Range
0°C
65°C
Parallel Resonant Frequency
48 MHz
Frequency Drift over Temperature
±50 ppm
Accuracy of Adjustment
±30 ppm
Series Resistance
100 Ohms
Shunt Capacitance
3 pF
6 pF
Load Capacitance
20 pF
Drive Level
20
μW
5 mW
Mode of Vibration Third Overtone[9]
Parameter
Min
Typical
Max
Clock Input Voltage at X1 (X2 Open)
1.5 V
Clock Frequency[10]
48 MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com