Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 25 of 32
Bus Interface Timing Requirements
I/O Write Cycle
Note nCS an be held LOW for multiple Write cycles provided nWR is cycled. Write Cycle Time for Auto Inc Mode Writes is 170 ns
minimum.
nWR
A0
D0-D7
DATA
twr
twahld
twdhld
twasu
twdsu
twdsu
twdhld
I/O Write Cycle to Register or Memory Buffer
Register or Memory
Address
nCS
twcsu
twshld
Tcscs See Note.
twrhigh
Parameter
Description
Min
Typ
Max
tWR
Write pulse width
85 ns
tWCSU
Chip select set-up to nWR LOW
0 ns
tWSHLD
Chip select hold time
After nWR HIGH
0 ns
tWASU
A0 address set-up time
85 ns
tWAHLD
A0 address hold time
10 ns
tWDSU
Data to Write HIGH set-up time
85 ns
tWDHLD
Data hold time after Write HIGH
5 ns
tCSCS
nCS inactive to nCS* asserted
85 ns
tWRHIGH
NWR HIGH
85 ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com