Electronic Components Datasheet Search
  English  ▼

X  

SL811HS Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 9 of 32
USB-A/USB-B Host Transfer Count Register (Read), USB Address (Write) [Address = 04h, 0Ch]. This register has two
different functions depending on whether it is read or written. When read, this register contains the number of bytes remaining (from
Host Base Length value) after a packet is transferred. For example, if the Base Length register is set to 0x040 and an IN Token was
sent to the peripheral device. If, after the transfer is complete, the value of the Host Transfer Count is 0x10, the number of bytes
actually transferred is 0x30. This is considered as an underflow indication.
When written, this register contains the USB Device Address with which the Host communicates.
DA6-DA0
Device address, up to 127 devices can be addressed.
DA7
Reserved bit must be set to zero.
SL811HS Control Registers
The next set of registers are the Control registers and control more of the operation of the chip instead of USB packet type of transfers.
Table 10 is a summary of the control registers.
Table 8. USB-A / USB-B Host Transfer Count Register when READ [Address 04h, 0Ch]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HTC7
HTC6
HTC5
HTC4
HTC3
HTC2
HTC1
HTC0
Table 9. USB-A / USB-B USB Address when WRITTEN [Address 04h, 0Ch]
Bit 7
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
Bit 0
0
DA6
DA5
DA4
DA3
DA2
DA1
DA0
Table 10. Control Registers Summary
Register Name SL811H
SL811HS (hex) Address
Control Register 1
05h
Interrupt Enable Register
06h
Reserved Register
07h
Status Register
0Dh
SOF Counter LOW (Write)/HW Revision Register (Read)
0Eh
SOF Counter HIGH and Control Register 2
0Fh
Memory Buffer
10h-FFh
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com