Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 70Page - Maxim Integrated Products 71M6543F Datasheet HTML 71Page - Maxim Integrated Products 71M6543F Datasheet HTML 72Page - Maxim Integrated Products 71M6543F Datasheet HTML 73Page - Maxim Integrated Products 71M6543F Datasheet HTML 74Page - Maxim Integrated Products 71M6543F Datasheet HTML 75Page - Maxim Integrated Products 71M6543F Datasheet HTML 76Page - Maxim Integrated Products 71M6543F Datasheet HTML 77Page - Maxim Integrated Products 71M6543F Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
74
© 2008–2011 Teridian Semiconductor Corporation
v1.2
Table 61: TMUX2[4:0] Selections
TMUX2[4:0]
Signal Name
Description
0
WD_OVF
Indicates when the watchdog timer has expired (overflowed).
1
PULSE_1S
One second pulse with 25% Duty Cycle. This signal can be used
to measure the deviation of the RTC from an ideal 1 second
interval. Multiple cycles should be averaged together to filter out
jitter.
2
PULSE_4S
Four second pulse with 25% Duty Cycle. This signal can be used
to measure the deviation of the RTC from an ideal 4 second
interval. Multiple cycles should be averaged together to filter out
jitter. The 4 second pulse provides a more precise measurement
than the 1 second pulse.
3
RTCLK
32.768 kHz clock waveform
8
SPARE[1] bit – I/O RAM
0x2704[1]
Copies the value of the bit stored in 0x2704[1]. For general
purpose use.
9
SPARE[2] bit – I/O RAM
0x2704[2]
Copies the value of the bit stored in 0x2704[2]. For general
purpose use.
A
WAKE
Indicates when a WAKE event has occurred.
B
MUX_SYNC
Internal multiplexer frame SYNC signal. See Figure 4 and Figure
5.
C
MCK
See 2.5.3 on page 50.
E
GNDD
Digital GND. Use this signal to make the TMUX2OUT pin static.
12
INT0 – DIG I/O
Interrupt 0. See 2.4.9 on page 40. Also see Figure 12 on page 46.
13
INT1 – DIG I/O
14
INT2 – CE_PULSE
15
INT3 – CE_BUSY
16
INT4 - VSTAT
17
INT5 – EEPROM/SPI
18
INT6 – XFER, RTC
1F
RTM_CK (flash)
See 2.3.5 on page 26.
Note:
All
TMUX2[4:0] values which are not shown are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com