Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 25Page - Maxim Integrated Products 71M6543F Datasheet HTML 26Page - Maxim Integrated Products 71M6543F Datasheet HTML 27Page - Maxim Integrated Products 71M6543F Datasheet HTML 28Page - Maxim Integrated Products 71M6543F Datasheet HTML 29Page - Maxim Integrated Products 71M6543F Datasheet HTML 30Page - Maxim Integrated Products 71M6543F Datasheet HTML 31Page - Maxim Integrated Products 71M6543F Datasheet HTML 32Page - Maxim Integrated Products 71M6543F Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
29
Figure 10: Samples from Multiplexer Cycle (Frame)
The end of each multiplexer cycle is signaled to the MPU by the CE_BUSY interrupt. At the end of each
multiplexer cycle, status information, such as sag data and the digitized input signal, is available to the MPU.
Figure 11: Accumulation Interval
Figure 11 shows the accumulation interval resulting from SUM_SAMPS[12:0] = 1819 (I/O RAM 0x2107[4:0]
and 0x2108[7:0]), consisting of 1819 samples of 457.8 µs each, followed by the XFER_BUSY interrupt.
The sampling in this example is applied to a 50 Hz signal. There is no correlation between the line signal
frequency and the choice of SUM_SAMPS[12:0]. Furthermore, sampling does not have to start when the
line voltage crosses the zero line, and the length of the accumulation interval need not be an integer
multiple of the signal cycles.
MUX
STATE
CK32
(32768 Hz)
0
3
1
2
MUX_DIV = 7 Conversions
Settle
Multiplexer Frame (15 x 30.518 µs = 457.8 µs)
S
S
IA
VA
IB
30.5 µs
61.04 µs
VB
61.04 µs
IC
VC
4
5
6
61.04 µs
61.04 µs
ID
XFER_BUSY
Interrupt to MPU
20ms
833ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com