Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 40Page - Maxim Integrated Products 71M6543F Datasheet HTML 41Page - Maxim Integrated Products 71M6543F Datasheet HTML 42Page - Maxim Integrated Products 71M6543F Datasheet HTML 43Page - Maxim Integrated Products 71M6543F Datasheet HTML 44Page - Maxim Integrated Products 71M6543F Datasheet HTML 45Page - Maxim Integrated Products 71M6543F Datasheet HTML 46Page - Maxim Integrated Products 71M6543F Datasheet HTML 47Page - Maxim Integrated Products 71M6543F Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
44
© 2008–2011 Teridian Semiconductor Corporation
v1.2
IP1(SFR 0xB9) (Table 36). If requests of the same priority level are received simultaneously, an internal
polling sequence as shown in Table 37 determines which request is serviced first.
Changing interrupt priorities while interrupts are enabled can easily cause software defects. It is best
to set the interrupt priority registers only once during initialization before interrupts are enabled.
Table 35: Interrupt Priority Levels
IP1[x]
IP0[x]
Priority Level
0
0
Level 0 (lowest)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest)
Table 36: Interrupt Priority Registers (IP0 and IP1)
Register
Address
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
IP0
SFR 0xA9
–
–
IP0[5]
IP0[4]
IP0[3]
IP0[2]
IP0[1]
IP0[0]
IP1
SFR 0xB9
–
–
IP1[5]
IP1[4]
IP1[3]
IP1[2]
IP1[1]
IP1[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com