Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 58Page - Maxim Integrated Products 71M6543F Datasheet HTML 59Page - Maxim Integrated Products 71M6543F Datasheet HTML 60Page - Maxim Integrated Products 71M6543F Datasheet HTML 61Page - Maxim Integrated Products 71M6543F Datasheet HTML 62Page - Maxim Integrated Products 71M6543F Datasheet HTML 63Page - Maxim Integrated Products 71M6543F Datasheet HTML 64Page - Maxim Integrated Products 71M6543F Datasheet HTML 65Page - Maxim Integrated Products 71M6543F Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
62
© 2008–2011 Teridian Semiconductor Corporation
v1.2
LCD_SEGDIO51[5:0] to LCD_SEGDIO55[5:0]
(I/O RAM 0x2443[5:0] to 0x2447[5:0])
DIO Data Register
51
52
53
54
55
–
–
–
LCD_SEGDIO51[0] to LCD_SEGDIO55[0]
(I/O RAM 0x2443[0] to 0x2447[0])
Direction Register:
0 = input, 1 = output
51
52
53
54
55
–
–
–
LCD_SEGDIO51[1] to LCD_SEGDIO55[1]
(I/O RAM 0x2443[1] to 0x2447[1])
2.5.10.3 LCD Drivers
The LCD drivers are grouped into up to six commons (COM0 – COM5) and up to 56 segment drivers.
The LCD interface is flexible and can drive 7-segment digits, 14-segment digits or enunciator symbols.
A voltage doubler and a contrast DAC generate VLCD from either VBAT or V3P3SYS, depending on the
V3P3SYS voltage. The voltage doubler,
while capable of driving into a 500 kΩ load, is able to generate a
maximum LCD voltage that is within 1 V of twice the supply voltage. The doubler and DAC operate from
a trimmed low-power reference.
The configuration of the VLCD generation is controlled by the I/O RAM field LCD_VMODE[1:0] (I/O RAM
0x2401[7:6]). It is decoded into LCD_EXT, LDAC_E, and LCD_BSTE. Table 52 details the
LCD_VMODE[1:0] configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com