Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 1 Page - Maxim Integrated Products

  71M6543F Datasheet HTML 1Page - Maxim Integrated Products 71M6543F Datasheet HTML 2Page - Maxim Integrated Products 71M6543F Datasheet HTML 3Page - Maxim Integrated Products 71M6543F Datasheet HTML 4Page - Maxim Integrated Products 71M6543F Datasheet HTML 5Page - Maxim Integrated Products 71M6543F Datasheet HTML 6Page - Maxim Integrated Products 71M6543F Datasheet HTML 7Page - Maxim Integrated Products 71M6543F Datasheet HTML 8Page - Maxim Integrated Products 71M6543F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
71M6543F/H and 71M6543G/GH
Energy Meter ICs
DATA SHEET
April 2011
v1.2
© 2008–2011 Teridian Semiconductor Corporation
1
A Maxim Integrated Products Brand
GENERAL DESCRIPTION
The 71M6543F, 71M6543H, 71M6543G, and 71M6543GH are
Teridian’s
4th-generation polyphase
metering
systems-on-chips
(SoCs) with a 5MHz 8051-compatible MPU core, low-power real-
time clock (RTC) with digital temperature compensation, flash
memory, and LCD driver. Our Single Converter Technology® with
a 22-bit delta-sigma ADC, seven analog inputs, digital metrology
temperature compensation, precision voltage reference, and a 32-
bit computation engine (CE) supports a wide range of metering
applications with very few external components.
The 71M6543F, 71M6543H, 71M6543G and 71M6543GH support
optional interfaces to the 71M6xx3 series of isolated sensors that
offer BOM cost reduction, immunity to magnetic tamper, and
enhanced reliability. The ICs feature ultra-low-power operation in
active
and
battery
modes,
5KB
shared
RAM,
and
64KB
(71M6543F, 71M6543H) or 128KB (71M6543G, 71M6543GH) of
flash memory, which can be programmed with code and/or data
during meter operation. High processing and sampling rates
combined with differential inputs offer a powerful metering platform
for commercial and industrial meters with up to class 0.2 accuracy
(71M6543H, 71M6543GH).
A complete array of code development tools, demonstration code,
and reference designs enable rapid development and certification of
meters that meet all ANSI and IEC electricity metering standards
worldwide.
MPU
RTC
TIMERS
IADC0
VADC8 (VA)
IADC2
VADC9 (VB)
XIN
XOUT
RX
TX
TX
RX
COM0...5
V3P3A V3P3SYS
VBAT
VBAT_RTC
IADC4
VADC10 (VC)
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
C
B
A
NEUTRAL
LOAD
8888.8888
PULSES,
DIO
IR
AMR
POWER FAULT
COMPARATOR
MODUL-
ATOR
SERIAL PORTS
OSCILLATOR/
PLL
MUX and ADC
LCD DRIVER
DIO, PULSES
COMPUTE
ENGINE
FLASH
MEMORY
RAM
32 kHz
REGULATOR
Shunt Current Sensors
POWER SUPPLY
TERIDIAN
71M6543F/
71M6543H/
71M6543G/
71M6543GH
TEMPERATURE
SENSOR
VREF
IADC6
BATTERY
PWR MODE
CONTROL
WAKE-UP
NEUTRAL
I
2C or µWire
EEPROM
9/17/2010
IADC1
IADC3
IADC5
IADC7
RTC
BATTERY
V3P3D
BATTERY
MONITOR
SPI INTERFACE
HOST
LCD DISPLAY
Pulse Transformers
3x TERIDIAN
71M6xx3
Note: This system is referenced to Neutral
}IN*
}IA
}IB
}IC
*IN = Neutral Current
FEATURES
• 0.1% Accuracy Over 2000:1 Current Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Seven Sensor Inputs with Neutral Current
Measurement, Differential Mode Selectable
for Current Inputs
• Selectable Gain of 1 or 8 for One Current
Input to Support Shunts
• High-Speed Wh/VARh Pulse Outputs with
Programmable Width
• 64KB Flash, 5KB RAM (71M6543F/H)
• 128KB Flash, 5KB RAM (71M6543G/GH)
• Up to Four Pulse Outputs with Pulse Count
• Four-Quadrant Metering, Phase Sequencing
• Digital Temperature Compensation:
Metrology Compensation
Accurate RTC for TOU Functions with
Automatic Temperature Compensation
for Crystal in All Power Modes
• Independent 32-Bit Compute Engine
• 46-64Hz Line Frequency Range with the Same
Calibration
• Phase Compensation (±7°)
• Three Battery-Backup Modes:
Brownout Mode
LCD Mode
Sleep Mode
• Wake-Up on Pin Events and Wake-on-Timer
• 1µA in Sleep Mode
• Flash Security
• In-System Program Update
• 8-Bit MPU (80515), Up to 5MIPS
• Full-Speed MPU Clock in Brownout Mode
• LCD Driver:
6 Common Segment Drivers
Up to 56 Selectable Pins
• Up to 51 Multifunction DIO Pins
• Hardware Watchdog Timer (WDT)
• I2C/MICROWIRE™ EEPROM Interface
• SPI Interface with Flash Program Capability
• Two UARTs for IR and AMR
• IR LED Driver with Modulation
• Industrial Temperature Range
• 100-Pin Lead-Free LQFP Package
19-5375; Rev 1.2; 4/11
Single Converter Technology is a registered trademark of Maxim Integrated
Products, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - 71M6543F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6543F MAXIM-71M6543F Datasheet
2Mb / 154P
Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
Energy Meter ICs
2015
71M6543FT-IGT/F MAXIM-71M6543FT-IGT/F Datasheet
2Mb / 75P
Energy Meter ICs
2015
71M6543FT-IGTR/F MAXIM-71M6543FT-IGTR/F Datasheet
2Mb / 75P
Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
Energy Meter ICs
2013
More results

Similar Description - 71M6543F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D Datasheet
2Mb / 165P
0.1% Accuracy Over 2000:1 Current Range Energy Meter ICs
Rev 2; 11/11
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
Energy Meter ICs
Rev 2; 11/11
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
Energy Meter ICs
2012
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
Energy Meter ICs
2015
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
Energy Meter ICs
2015
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
Energy Meter ICs
2013
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
Energy Meter ICs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com