Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 45Page - Maxim Integrated Products 71M6543F Datasheet HTML 46Page - Maxim Integrated Products 71M6543F Datasheet HTML 47Page - Maxim Integrated Products 71M6543F Datasheet HTML 48Page - Maxim Integrated Products 71M6543F Datasheet HTML 49Page - Maxim Integrated Products 71M6543F Datasheet HTML 50Page - Maxim Integrated Products 71M6543F Datasheet HTML 51Page - Maxim Integrated Products 71M6543F Datasheet HTML 52Page - Maxim Integrated Products 71M6543F Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
49
FLSH_UNLOCK[3:0]. FLSH_UNLOCK[3:0] is not automatically reset. It should be cleared when the SPI or
ICE has finished changing the Flash. Table 41 summarizes the I/O RAM registers used for flash security.
Table 41: Flash Security
Name
Location
Rst
Wk
Dir
Description
FLSH_UNLOCK[3:0]
2702[7:4]
0
0
R/W
Must be a 2 to enable any flash modification.
See the description of Flash security for
more details.
SECURE
SFR B2[6]
0
0
R/W
Inhibits erasure of page 0 and flash addresses
above the beginning of CE code as defined
by CE_LCTN[6/5:0](I/O RAM 0x2109[5:0]) on
the 71M6543F/H and CE_LCTN[6:0] I/O
RAM 0x2109[6:0]) on the 71M6543G/GH.
Also inhibits the read of flash via the ICE
and SPI ports.
SPI Flash Mode
In normal operation, the SPI slave interface cannot read or write the flash memory. However, the
71M6543 contains a Special Flash Mode (SFM) that facilitates initial (production) programming of the
flash memory. When the 71M6543 is in SFM mode, the SPI interface can erase, read, and write the
flash. Other memory elements such as XRAM and I/O RAM are not accessible to the SPI in this mode.
In order to protect the flash contents, several operations are required before the SFM mode is successfully
invoked.
When the 71M6543G/GH is operating SFM, SPI single-byte transactions are used to write to
FL_BANK[1:0] (SFR 0xB6[1:0]). During an SPI single-byte transaction, SPI_CMD[1:0] will over-write the
contents of FL_BANK[1:0] (SFR 0xB6[1:0]). This will allow for access of the entire 128 KB flash memory
while operating in SFM.
Details on the SFM can be found in 2.5.12 SPI Slave Port.
2.5.1.2 MPU/CE RAM
The 71M6543 includes 5 KB of static RAM memory on-chip (XRAM) plus 256 bytes of internal RAM in the
MPU core. The 5KB of static RAM are used for data storage by both MPU and CE and for the
communication between MPU and CE.
2.5.1.3 I/O RAM (Configuration RAM)
The I/O RAM can be seen as a series of hardware registers that control basic hardware functions. I/O
RAM address space starts at 0x2000. The registers of the I/O RAM are listed in Table 69.
The 71M6543 includes 128 bytes non-volatile RAM memory on-chip in the I/O RAM address space
(addresses 0x2800 to 0x287F). This memory section is supported by the voltage applied at VBAT_RTC,
and the data in it are preserved in BRN, LCD, and SLP modes as long as the voltage at VBAT_RTC is
within specification.
2.5.2
Oscillator
The 71M6543 oscillator drives a standard 32.768 kHz watch crystal. This type of crystal is accurate and
does not require a high-current oscillator circuit. The oscillator has been designed specifically to handle
watch crystals and is compatible with their high impedance and limited power handling capability. The
oscillator power dissipation is very low to maximize the lifetime of any battery attached to VBAT_RTC.
Oscillator calibration can improve the accuracy of both the RTC and metering. Refer to 2.5.4, Real-Time
Clock (RTC) for more information.
The oscillator is powered from the V3P3SYS pin or from the VBAT_RTC pin, depending on the V3OK
internal bit (i.e., V3OK = 1 if V3P3SYS
≥ 2.8 VDC and V3OK = 0 if V3P3SYS < 2.8 VDC). The oscillator
requires approximately 100 nA, which is negligible compared to the internal leakage of a battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com